Electronic Components Datasheet Search |
|
SHD119512 Datasheet(PDF) 2 Page - Sensitron |
|
SHD119512 Datasheet(HTML) 2 Page - Sensitron |
2 / 2 page 2001 Sensitron Semiconductor 221 West Industry Court Deer Park, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798 www.sensitron.com sales@sensitron.com TECHNICAL DATA DATA SHEET 983, REV. A MECHANICAL DIMENSIONS: In Inches / mm SINGLE 1 2 3 LCC-3P PINOUT TABLE TYPE PIN 1 PIN 2 PIN 3 SINGLE RECTIFIER CATHODE ANODE ANODE DISCLAIMER: 1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the datasheet(s). 2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’ fail-safe precautions or other arrangement . 3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any other problems that may result from applications of information, products or circuits described in the datasheets. 4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at a value exceeding the absolute maximum rating. 5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor. 6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron Semiconductor. 7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations. SHD119512 TO-254 .145 (3.68) .450 (11.43) .140 (3.56)Typ. .035 (.89) Min. .050 (1.27) .375 (9.53) .037 (.94) .625 (15.88) .415 (10.54) .157 (3.99) .030 (.76) Min. 1 2 3 |
Similar Part No. - SHD119512 |
|
Similar Description - SHD119512 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |