Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD118136 Datasheet(PDF) 1 Page - Sensitron

Part # SHD118136
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop Ultra Low Reverse Leakage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD118136 Datasheet(HTML) 1 Page - Sensitron

  SHD118136 Datasheet HTML 1Page - Sensitron SHD118136 Datasheet HTML 2Page - Sensitron SHD118136 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2000 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 913, REV. B
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage Drop
Ultra Low Reverse Leakage
Applications:
Switching Power Supply
Converters
Free-Wheeling Diodes
Polarity Protection Diode
Features:
Ultra Low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form (per leg)
7.5
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
140
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 C, IAS = 0.4 A,
L = 40mH
7.7
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 s
limited by TJ max VA=1.5VR
0.4
A
Maximum Thermal Resistance
R JC
-
3.2
C/W
Max. Junction Temperature
TJ
-
-65 to +200
C
Max. Storage Temperature
Tstg
-
-65 to +200
C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25 C
0.92
V
(per leg)
VF2
@ 7.5A, Pulse, TJ = 125 C
0.76
V
Max. Reverse Current
IR1
@VR = 200V, Pulse,
TJ = 25 C
0.05
mA
(per leg)
IR2
@VR = 200V, Pulse,
TJ = 125 C
0.5
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz,
VSIG = 50mV (p-p)
150
pF
Max. Reverse Recovery Time
trr
IF = 0.5 A, IR = 1.0 A,
IRM = 0.25 A, TJ = 25 C
25
nsec
SHD118136
SHD118136B


Similar Part No. - SHD118136

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118136 SENSITRON-SHD118136 Datasheet
96Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD118136 SENSITRON-SHD118136 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD118136A SENSITRON-SHD118136A Datasheet
96Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD118136A SENSITRON-SHD118136A Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD118136B SENSITRON-SHD118136B Datasheet
96Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD118136

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114523 SENSITRON-SHD114523 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage Low Forward Voltage Drop
SHD124536 SENSITRON-SHD124536_08 Datasheet
50Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124535 SENSITRON-SHD124535_11 Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126036 SENSITRON-SHD126036_08 Datasheet
58Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136_10 Datasheet
43Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD118434 SENSITRON-SHD118434 Datasheet
94Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036_10 Datasheet
42Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD125236_0609 SENSITRON-SHD125236_0609 Datasheet
52Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com