Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD115546 Datasheet(PDF) 1 Page - Sensitron

Part # SHD115546
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115546 Datasheet(HTML) 1 Page - Sensitron

  SHD115546_11 Datasheet HTML 1Page - Sensitron SHD115546_11 Datasheet HTML 2Page - Sensitron SHD115546_11 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2000 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 831, REV. C
HERMETIC POWER SCHOTTKY RECTIFIER
200 C Maximum Operation Temperature
Very Low Forward Voltage Drop
Applications:
Switching Power Supply
Converters
Free-Wheeling Diodes
Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Reverse Leakage Current
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
60
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
860
Amps
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R JC
0.70
C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 60 Amps)
TJ = 25 C
TJ = 125 C
Vf
0.95
0.79
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200V PIV)
TJ = 25 C
TJ = 125 C
Ir
1.1
24
mA
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
900
pF
SHD115546
SHD115546B


Similar Part No. - SHD115546_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115546B SENSITRON-SHD115546B Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature Very Low Forward Voltage Drop
More results

Similar Description - SHD115546_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115546 SENSITRON-SHD115546 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD114546 SENSITRON-SHD114546 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD116046 SENSITRON-SHD116046_11 Datasheet
94Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD115445 SENSITRON-SHD115445_11 Datasheet
96Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117246 SENSITRON-SHD117246_11 Datasheet
103Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117144 SENSITRON-SHD117144_11 Datasheet
99Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD115444 SENSITRON-SHD115444_11 Datasheet
94Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD114646 SENSITRON-SHD114646_11 Datasheet
113Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD119622 SENSITRON-SHD119622 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD114622 SENSITRON-SHD114622_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com