Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD115444 Datasheet(PDF) 2 Page - Sensitron

Part No. SHD115444
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD115444 Datasheet(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1999 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
DATA SHEET 620, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
SHD115444
SHD115444B
SHD-2
SHD-2B
.075 (1.91) Max
.315±.010
(8.00±.254)
Moly Lid
Moly Base
.315±.010
(8.00±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.315±.010
(8.00±.254)
.150±.010
(3.81±.254)
.465±.020
(11.8±.508)
.315±.010
(8.00±.254)
.015±.005
(.381±.127)
Copper Anode
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Vol tage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Vol tage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Vol tage - V
R (V)
100
200
300
400
500
600
700
800
900
Typical Junction Capacitance


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn