Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD115444 Datasheet(PDF) 1 Page - Sensitron

Part No. SHD115444
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD115444 Datasheet(HTML) 1 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 620, REV. B
HERMETIC POWER SCHOTTKY RECTIFIER
200 C Maximum Operation Temperature
DESCRIPTION: 100 VOLT, 30 AMP, POWER SCHOTTKY RECTIFIERS IN A HERMETIC SHD-2 / 2B
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
100
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
30
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t=10ms, Sine)
IFSM
570
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
1000
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R JC
0.9
C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+200
C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (per leg, If = 30 Amps)
TJ = 25 C
TJ = 125 C
Vf
0.84
0.68
Volts
MAXIMUM REVERSE CURRENT (per leg, Ir @ 100 V PIV)
TJ = 25 C
TJ = 125 C
Ir
0.75
15
mA
SHD115444
SHD115444B


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn