Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMER48-KZ-C1 Datasheet(PDF) 1 Page - AIMTEC

Part No. AMER48-KZ-C1
Description  1000mA | AC-DC LED driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIMTEC [AIMTEC]
Homepage  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AMER48-KZ-C1 Datasheet(HTML) 1 Page - AIMTEC

  AMER48-KZ-C1 Datasheet HTML 1Page - AIMTEC AMER48-KZ-C1 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AMER48-KZ-C1
1000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R1.B
1 of 2
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W) *
Output Voltage
Range (VDC)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMER48-48100KZ-C1
50.4
30-48
1000 ± 50
90-264/ 47-63
85
* Exceeding the maximum output power will permanently damage the converter
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
90-264
VAC
Inrush current <2ms
115V
20
A
230V
30
Leakage current
230V
0.25
mA
AC current
115V
0.50
A
230V
0.35
No-load consumption
2.5
W
External fuse
250V/1.5A
Power Factor
0.95
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±10
%
Line regulation
LL-HL
±5
%
Load regulation
0% to 100%
±10
%
Ripple & Noise
20MHz Bandwidth
150
mV p-p
Hold-up time (min)
100% load
4
8
ms
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
2mA/60Sec
3000
VAC
Input FG
1500
VAC
Isolation resistance
>50
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% Load
100
KHz
Over current protection
115
%
Over voltage protection
Zener Diode clamp
%
Short circuit protection
Continuous
Short Circuit restart
Auto recovery
Operating temperature *
-30 to +55
oC
Maximum case temperature
90
oC
Storage temperature
-40 to +80
oC
• AC-DC Constant Current LED Driver
• Waterproof IP67
• Universal Input: 90-264VAC, 47-63Hz
• Over current protection
• Short circuit protection
• Over voltage protection
• RoHS compliant
• Power Factor Correction


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn