Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3D-0512SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3D-0512SZ
Description  3 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3D-0512SZ Datasheet(HTML) 1 Page - AIMTEC

  AM3D-0512SZ Datasheet HTML 1Page - AIMTEC AM3D-0512SZ Datasheet HTML 2Page - AIMTEC AM3D-0512SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM3D-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 3
North America only
FEATURES:
• 7 pin SIP package
• Operating temperature -40
oC to + 85oC
• High efficiency up to 90%
Short circuit protection
• Low profile plastic package
Input / Output Isolation 1000, 3000 VDC
• RoHS compliant
Pin compatible with multiple manufacturers
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM3D-0505SZ
4.5-5.5
5
600
1000
80
AM3D-0509SZ
4.5-5.5
9
333
1000
81
AM3D-0512SZ
4.5-5.5
12
250
1000
82
AM3D-0515SZ
4.5-5.5
15
200
1000
84
AM3D-1205SZ
10.8-13.2
5
600
1000
84
AM3D-1209SZ
10.8-13.2
9
333
1000
86
AM3D-1212SZ
10.8-13.2
12
250
1000
89
AM3D-1215SZ
10.8-13.2
15
200
1000
90
AM3D-0505SH30Z
4.5-5.5
5
600
3000
80
AM3D-0509SH30Z
4.5-5.5
9
333
3000
81
AM3D-0512SH30Z
4.5-5.5
12
250
3000
82
AM3D-0515SH30Z
4.5-5.5
15
200
3000
84
AM3D-1205SH30Z
10.8-13.2
5
600
3000
84
AM3D-1209SH30Z
10.8-13.2
9
333
3000
86
AM3D-1212SH30Z
10.8-13.2
12
250
3000
89
AM3D-1215SH30Z
10.8-13.2
15
200
3000
90
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM3D-0505DZ
4.5-5.5
±5
±300
1000
82
AM3D-0509DZ
4.5-5.5
±9
±167
1000
83
AM3D-0512DZ
4.5-5.5
±12
±125
1000
84
AM3D-0515DZ
4.5-5.5
±15
±100
1000
86
AM3D-1205DZ
10.8-13.2
±5
±300
1000
85
AM3D-1209DZ
10.8-13.2
±9
±167
1000
86
AM3D-1212DZ
10.8-13.2
±12
±125
1000
89
AM3D-1215DZ
10.8-13.2
±15
±100
1000
90
AM3D-0505DH30Z
4.5-5.5
±5
±300
3000
82
AM3D-0509DH30Z
4.5-5.5
±9
±167
3000
83
AM3D-0512DH30Z
4.5-5.5
±12
±125
3000
84
AM3D-0515DH30Z
4.5-5.5
±15
±100
3000
86
AM3D-1205DH30Z
10.8-13.2
±5
±300
3000
85
AM3D-1209DH30Z
10.8-13.2
±9
±167
3000
86
AM3D-1212DH30Z
10.8-13.2
±12
±125
3000
89
AM3D-1215DH30Z
10.8-13.2
±15
±100
3000
90
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.


Similar Part No. - AM3D-0512SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-0512SZ AIMTEC-AM3D-0512SZ Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3D-0512SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com