Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1PS-1205SH30Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM1PS-1205SH30Z
Description  1 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1PS-1205SH30Z Datasheet(HTML) 1 Page - AIMTEC

  AM1PS-1205SH30Z Datasheet HTML 1Page - AIMTEC AM1PS-1205SH30Z Datasheet HTML 2Page - AIMTEC AM1PS-1205SH30Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM1PS-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 3
North America only
FEATURES:
• RoHS compliant
Operating temperature -40
oC to + 85oC
• 8 Pin DIP Package
Input / Output Isolation 1000 & 3000VDC
• Low ripple and noise
Pin compatible with multiple manufacturers
• High Efficiency up to 76%
Continuous Short Circuit Protection
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1PS-0505SZ
4.5-5.5
5
200
1000
74
AM1PS-0512SZ
4.5-5.5
12
83
1000
75
AM1PS-0515SZ
4.5-5.5
15
67
1000
75
AM1PS-1205SZ
10.8-13.2
5
200
1000
74
AM1PS-1212SZ
10.8-13.2
12
83
1000
75
AM1PS-1215SZ
10.8-13.2
15
67
1000
75
AM1PS-2405SZ
21.6-26.4
5
200
1000
74
AM1PS-2412SZ
21.6-26.4
12
83
1000
75
AM1PS-2415SZ
21.6-26.4
15
67
1000
76
AM1PS-0505SH30Z
4.5-5.5
5
200
3000
74
AM1PS-0512SH30Z
4.5-5.5
12
83
3000
75
AM1PS-0515SH30Z
4.5-5.5
15
67
3000
75
AM1PS-1205SH30Z
10.8-13.2
5
200
3000
74
AM1PS-1212SH30Z
10.8-13.2
12
83
3000
75
AM1PS-1215SH30Z
10.8-13.2
15
67
3000
75
AM1PS-2405SH30Z
21.6-26.4
5
200
3000
74
AM1PS-2412SH30Z
21.6-26.4
12
83
3000
75
AM1PS-2415SH30Z
21.6-26.4
15
67
3000
76
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1PS-0505DZ
4.5-5.5
±5
±100
1000
70
AM1PS-0512DZ
4.5-5.5
±12
±42
1000
73
AM1PS-0515DZ
4.5-5.5
±15
±33
1000
73
AM1PS-1205DZ
10.8-13.2
±5
±100
1000
71
AM1PS-1212DZ
10.8-13.2
±12
±42
1000
73
AM1PS-1215DZ
10.8-13.2
±15
±33
1000
74
AM1PS-2405DZ
21.6-26.4
±5
±100
1000
71
AM1PS-2412DZ
21.6-26.4
±12
±42
1000
74
AM1PS-2415DZ
21.6-26.4
±15
±33
1000
74
AM1PS-0505DH30Z
4.5-5.5
±5
±100
3000
70
AM1PS-0512DH30Z
4.5-5.5
±12
±42
3000
73
AM1PS-0515DH30Z
4.5-5.5
±15
±33
3000
73
AM1PS-1205DH30Z
10.8-13.2
±5
±100
3000
71
AM1PS-1212DH30Z
10.8-13.2
±12
±42
3000
73
AM1PS-1215DH30Z
10.8-13.2
±15
±33
3000
74
AM1PS-2405DH30Z
21.6-26.4
±5
±100
3000
71
AM1PS-2412DH30Z
21.6-26.4
±12
±42
3000
74
AM1PS-2415DH30Z
21.6-26.4
±15
±33
3000
74
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified


Similar Part No. - AM1PS-1205SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1PS-0505SH30JZ AIMTEC-AM1PS-0505SH30JZ Datasheet
693Kb / 3P
   DC-DC Converter
AM1PS-0509SH30JZ AIMTEC-AM1PS-0509SH30JZ Datasheet
693Kb / 3P
   DC-DC Converter
AM1PS-0512SH30JZ AIMTEC-AM1PS-0512SH30JZ Datasheet
693Kb / 3P
   DC-DC Converter
AM1PS-0515SH30JZ AIMTEC-AM1PS-0515SH30JZ Datasheet
693Kb / 3P
   DC-DC Converter
AM1PS-JZ AIMTEC-AM1PS-JZ Datasheet
693Kb / 3P
   DC-DC Converter
More results

Similar Description - AM1PS-1205SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com