Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-1203S-FZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1L-1203S-FZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-1203S-FZ Datasheet(HTML) 1 Page - AIMTEC

  AM1L-1203S-FZ Datasheet HTML 1Page - AIMTEC AM1L-1203S-FZ Datasheet HTML 2Page - AIMTEC AM1L-1203S-FZ Datasheet HTML 3Page - AIMTEC AM1L-1203S-FZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM1L-FZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 4
North America only
FEATURES:
Single & Dual Models
Operating Temperature -40 oC to +85 oC
SMD Package
Input/Output Isolation of 1000 & 3000VDC
Low Ripple & Noise
Pin Compatible with multiple manufacturers
High Efficiency up to 83%
RoHS Compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM1L-0303S-FZ
2.97-3.63
3.3
200
1000
73
AM1L-0305S-FZ
2.97-3.63
5
200
1000
72
AM1L-0309S-FZ
2.97-3.63
9
111
1000
75
AM1L-0312S-FZ
2.97-3.63
12
84
1000
75
AM1L-0315S-FZ
2.97-3.63
15
67
1000
76
AM1L-0503S-FZ
4.5-5.5
3.3
200
1000
77
AM1L-0505S-FZ
4.5-5.5
5
200
1000
81
AM1L-0509S-FZ
4.5-5.5
9
110
1000
78
AM1L-0512S-FZ
4.5-5.5
12
84
1000
80
AM1L-0515S-FZ
4.5-5.5
15
67
1000
81
AM1L-1203S-FZ
10.8-13.2
3.3
200
1000
75
AM1L-1205S-FZ
10.8-13.2
5
200
1000
81
AM1L-1209S-FZ
10.8-13.2
9
110
1000
78
AM1L-1212S-FZ
10.8-13.2
12
84
1000
81
AM1L-1215S-FZ
10.8-13.2
15
67
1000
83
AM1L-2403S-FZ
21.6-26.4
3.3
200
1000
67
AM1L-2405S-FZ
21.6-26.4
5
200
1000
71
AM1L-2409S-FZ
21.6-26.4
9
110
1000
73
AM1L-2412S-FZ
21.6-26.4
12
84
1000
76
AM1L-2415S-FZ
21.6-26.4
15
67
1000
77
AM1L-0303SH30-FZ
2.97-3.63
3.3
200
3000
77
AM1L-0305SH30-FZ
2.97-3.63
5
200
3000
81
AM1L-0309SH30-FZ
2.97-3.63
9
110
3000
78
AM1L-0312SH30-FZ
2.97-3.63
12
84
3000
80
AM1L-0315SH30-FZ
2.97-3.63
15
67
3000
81
AM1L-0503SH30-FZ
4.5-5.5
3.3
200
3000
77
AM1L-0505SH30-FZ
4.5-5.5
5
200
3000
81
AM1L-0509SH30-FZ
4.5-5.5
9
110
3000
78
AM1L-0512SH30-FZ
4.5-5.5
12
84
3000
80
AM1L-0515SH30-FZ
4.5-5.5
15
67
3000
81
AM1L-1203SH30-FZ
10.8-13.2
3.3
200
3000
75
AM1L-1205SH30-FZ
10.8-13.2
5
200
3000
81
AM1L-1209SH30-FZ
10.8-13.2
9
110
3000
78
AM1L-1212SH30-FZ
10.8-13.2
12
84
3000
81
AM1L-1215SH30-FZ
10.8-13.2
15
67
3000
83
AM1L-2403SH30-FZ
21.6-26.4
3.3
200
3000
67
AM1L-2405SH30-FZ
21.6-26.4
5
200
3000
71
AM1L-2409SH30-FZ
21.6-26.4
9
110
3000
73
AM1L-2412SH30-FZ
21.6-26.4
12
84
3000
76
AM1L-2415SH30-FZ
21.6-26.4
15
67
3000
77


Similar Part No. - AM1L-1203S-FZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-1203S-N ETC-AM1L-1203S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-1203S-N AIMTEC-AM1L-1203S-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-1203S-N AIMTEC-AM1L-1203S-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-1203S-N AIMTEC-AM1L-1203S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-1203S-NZ AIMTEC-AM1L-1203S-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-1203S-FZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com