Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKA20 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SKA20
Description  20W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKA20 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SKA20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PinConfiguration
DeratingCurve
Ta(
)
-40
0
25
50 75
85
100
50
100
-Vin
+Vin
+Vout
-Vout
Trim
2
1
4
5
3
LOAD
UP
DOWN
TRIMPOT
VR
VR
20K
ExternalOutputTrimming
Output
Output
+Vin
Trim
-Vin
-Vout
+Vout
R.C
PinNo.
PinNo.
1
4
2
5
3
6
BOTTOM
VIEW
SIDE
VIEW
20.4[0.80]
5.8
[0.23]
7.62
[0.30]
5.08
[0.20]
25.4[1.00]
11.2[0.44]
10.2
[0.40]
1
3
4
5
2
6
2" 1" compact size
2:1 wide input range
High efficiency up to 89.5%
1500VDC I/O isolation
Built-in remote ON/OFF control
Built-in trimming output
Built-in EMI filter
Protections: Short circuit / Overload / Input and Output Over voltage
Cooling by free air convection
Six-sided shield metal case
100% burn-in test
Low cost / High reliability
Approvals: FCC / CE
2 years warranty
SPECIFICATION
FileName:SKA20-SPEC 2011-09-13
SKA20A-05
SKA20B-05
SKA20C-05
SKA20A-12
SKA20B-12
SKA20C-12
SKA20A-15
SKA20B-15
SKA20C-15
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
OVERVOLTAGE
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERCURRENT
FILTER
SHORTCIRCUIT
PROTECTION
A:9~18VDCB:18~36VDCC:36~75VDC
300KHztyp.
2.0%
0.5%
0.2%
50mVp-p
60mVp-p
220uF
-20~+10%
60mVp-p
100uF
-20~+10%
20W
400~4000mA
166~1666mA
133~1333mA
5V
12V
15V
88.5%
89%
1910mA
970mA
490mA
1910mA
970mA
500mA
1870mA
950mA
490mA
80mA
55mA
40mA
35mA
25mA
15mA
35mA
25mA
15mA
110%~180%ratedoutputpower
I/P-O/P:1.5KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
700Khrsmin.MIL-HDBK-217F(25
)
-40~+85
(Referto"DeratingCurve")
A:>20~23VDCB:>40~43VDCC:>80~82VDCinputvoltage
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyafterfaultconditionisremoved
20%~90%RHnon-condensing
-55~+125
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
50.8*25.4*11.2mmor2"*1"*0.44"inch (L*W*H)
31.2g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
Fullload
Input(Typ.)
Noload
Output
Pinetwork
88%
88%
88.5%
89.5%
MechanicalSpecification
Unit:mm(inch)
87.5%
87.5%
88%
20WDC-DCRegulatedSingleOutputConverter
S K A 2 0 series
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGE ACCURACY
CompliancetoEN55022Class A,FCCpart15Class A
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
PROTECTION
Fuserecommended
EXTERNAL CAPACITANCELOAD (max.) 1000uF
EXTERNAL TRIM Adj.RANGE(Typ.)
10%
REMOTECONTROL
PowerON:R.C~-Vin>2.5VDCoropencircuit;PowerOFF:R.C~-Vin<0.5VDCorshort
EMCIMMUNITY
EMCEMISSION


Similar Part No. - SKA20

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKA20420 CELDUC-SKA20420 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20421 CELDUC-SKA20421 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20440 CELDUC-SKA20440 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20441 CELDUC-SKA20441 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
More results

Similar Description - SKA20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
UW2405D-20W MORNSUN-UW2405D-20W Datasheet
579Kb / 4P
   20W, Ultra wide input isolated & regulated single output DC/DC converter
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com