Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK32B
Description  3 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK32B Datasheet(HTML) 2 Page - Micro Commercial Components

  SK32B_11 Datasheet HTML 1Page - Micro Commercial Components SK32B_11 Datasheet HTML 2Page - Micro Commercial Components SK32B_11 Datasheet HTML 3Page - Micro Commercial Components SK32B_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SK32B thru SK310B
Average Forward Rectified Current - Amperes
versus
Lead Temperature -
°C
Figure 2
Forward Derating Curve
40
60
100
120
140
160
0
.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
80
2.0
2.5
3.0
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
1000
Junction Capacitance - pF
versus
Reverse Voltage - Volts
pF
Volts
600
400
40
400
1000
TJ=25
°C
SK35B-SK310B
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
1.4
SK32B-SK34B
SK35B-SK3
10B
MCC
www.mccsemi.com
SK32B-34B
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 4


Similar Part No. - SK32B_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK32B_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32 MCC-SK32 Datasheet
899Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32 MCC-SK32_11 Datasheet
302Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B-L MCC-SK32B-L Datasheet
245Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32 LEIDITECH-SK32 Datasheet
681Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK32A MCC-SK32A Datasheet
237Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Tiger Electronic Co.,Lt...
SK32 TGS-SK32 Datasheet
595Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK38A-LTP MCC-SK38A-LTP Datasheet
179Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_13 Datasheet
209Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32AFL MCC-SK32AFL_17 Datasheet
297Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32B-L LEIDITECH-SK32B-L Datasheet
638Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com