Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK18 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK18
Description  1 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK18 Datasheet(HTML) 3 Page - Micro Commercial Components

  SK18 Datasheet HTML 1Page - Micro Commercial Components SK18 Datasheet HTML 2Page - Micro Commercial Components SK18 Datasheet HTML 3Page - Micro Commercial Components SK18 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SK13 thru SK110
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
.8
1.0
2.0
4.0
6.0
8.0
10
20
40
60
80
100
25
°C
Volts
Amps
Figure 2
Typical Reverse Characteristics
0
4
8
121620
2428
32
3640
.001
.01
.1
1
10
100
25
°C
Typical Reverse Current - mAversus
Reverse Voltage - Volts
mA
Volts
125
°C
Figure 3
Typical Junction Capacitance
Junction Capacitance - pFversus
Reverse Voltage - Volts
Volts
pF
0.
0.5
1.0
5.0
10
50
100
10
20
40
60
100
200
400
600
1000
75
°C
125
°C
SK13
SK14
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - SK18

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK18 DIOTEC-SK18 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
logo
Mospec Semiconductor
SK18 MOSPEC-SK18 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
Nanjing International G...
SK18 DGNJDZ-SK18 Datasheet
178Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SK18 PANJIT-SK18 Datasheet
54Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SK18 LEIDITECH-SK18 Datasheet
381Kb / 3P
   Low Forward Voltage Guard Ring Protection
More results

Similar Description - SK18

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12 Datasheet
353Kb / 2P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-L MCC-SS12-L_17 Datasheet
338Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com