Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM17PL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SFM17PL
Description  1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SFM17PL Datasheet(HTML) 2 Page - Micro Commercial Components

  SFM17PL Datasheet HTML 1Page - Micro Commercial Components SFM17PL Datasheet HTML 2Page - Micro Commercial Components SFM17PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
AMBIENT TEMPERATURE ( C)
1.6
1.8
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
0
25
50
75
100
125
150
175
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Revision: A
2011/01/01
www.mccsemi.com
2 of 3
Micro Commercial Components
MCC
TM
SFM11PL THRU SFM18PL


Similar Part No. - SFM17PL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SFM17PL DIOTECH-SFM17PL Datasheet
785Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nanjing International G...
SFM17PL DGNJDZ-SFM17PL Datasheet
105Kb / 2P
   1 Amp Super Fast Recovery
More results

Similar Description - SFM17PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1B-LTP MCC-ES1B-LTP Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1A-L MCC-ES1A-L_18 Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER3A MCC-ER3A Datasheet
363Kb / 3P
   3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
ER3AB MCC-ER3AB Datasheet
362Kb / 3P
   3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com