Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2301 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SI2301
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2301 Datasheet(HTML) 4 Page - Micro Commercial Components

  SI2301 Datasheet HTML 1Page - Micro Commercial Components SI2301 Datasheet HTML 2Page - Micro Commercial Components SI2301 Datasheet HTML 3Page - Micro Commercial Components SI2301 Datasheet HTML 4Page - Micro Commercial Components SI2301 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
-4
10
1
10
2
10
0
10
-1
10
-2
10
-3
10
1
10
0
10
-1
10
1
10
0
10
-1
10
-2
10
2
10
2
10
-3
PDM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=See Datasheet
3. TJM-TA =P*R JA (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
0.01
10
-1
10
-2
0.02
0.05
0.1
0.2
D=0.5
5
4
3
2
1
0
0
369
12
V
DS=-6V
I
D=-2.8A
1s
100ms
10ms
DC
1ms
R
DS(ON)Limit
Single Pulse
T
A=25 C
T
J=150 C
SI2301
Micro Commercial Components
MCC
TM
Revision:
A
20
11/01/01
www.mccsemi.com
4 of 5


Similar Part No. - SI2301

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SI2301 MCC-SI2301 Datasheet
242Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
MAKO SEMICONDUCTOR CO.,...
SI2301 MAKOSEMI-SI2301 Datasheet
109Kb / 3P
   High dense cell design for extremely low RDS(ON)
logo
ZP Semiconductor
SI2301 ZPSEMI-SI2301 Datasheet
377Kb / 6P
   P-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2301 HOTTECH-SI2301 Datasheet
289Kb / 3P
   Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results

Similar Description - SI2301

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com