Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9018-H Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S9018-H
Description  NPN Silicon NPN Silicon
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S9018-H Datasheet(HTML) 1 Page - Micro Commercial Components

  S9018-H Datasheet HTML 1Page - Micro Commercial Components S9018-H Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S9018
-G
NPN Silicon
Transistors
TO-92
CLASSIFICATION OF H FE
Rank
G
H
I
Range
70-108
97-146
130-198
Features
TO-92 Plastic-Encapsulate Transistors
Capable of 0.31Watts(Tamb=25
OC) of Power Dissipation.
Collector-current 0.05A
Collector-base Voltage 25V
Operating and storage junction temperature range: -55
OC to +150OC
Marking : S9018
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
25
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=0.1mAdc, IB=0)
18
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
4.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=20Vdc, IE=0)
---
0.1
uAdc
ICEO
Collector Cutoff Current
(VCE=15Vdc, IB=0)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=3.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=1.0mAdc, VCE=5.0Vdc)
28
270
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
---
1.4
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=5.0mAdc, VCE=5.0Vdc,
f=400MHz)
600
---
MHz
E
B
C
A
E
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
S9018
-H
S9018
-I
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - S9018-H

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
S9018-H YFWDIODE-S9018-H Datasheet
788Kb / 3P
   NPN Transistors
More results

Similar Description - S9018-H

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT3904 LRC-MMBT3904 Datasheet
265Kb / 6P
   NPN SILICON
logo
List of Unclassifed Man...
D600K ETC-D600K Datasheet
165Kb / 1P
   NPN silicon
logo
Guilin Strong Micro-Ele...
GMM28S GSME-GMM28S_15 Datasheet
222Kb / 2P
   NPN silicon
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
   SILICON NPN
logo
SHIKUES Electronics
MMBT3906 SKTECHNOLGY-MMBT3906 Datasheet
1Mb / 6P
   NPN Silicon
MMBT3904 SKTECHNOLGY-MMBT3904 Datasheet
1Mb / 5P
   NPN Silicon
MMBTA42 SKTECHNOLGY-MMBTA42 Datasheet
1Mb / 4P
   NPN Silicon
logo
Leshan Radio Company
LBTN180D3T1G LRC-LBTN180D3T1G Datasheet
1Mb / 3P
   NPN Silicon
logo
SHIKUES Electronics
MMBT2907 SKTECHNOLGY-MMBT2907 Datasheet
1Mb / 4P
   NPN Silicon
logo
SeCoS Halbleitertechnol...
BC847S SECOS-BC847S_15 Datasheet
284Kb / 3P
   NPN Silicon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com