Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S10D
Description  10 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S10D Datasheet(HTML) 1 Page - Micro Commercial Components

  S10D Datasheet HTML 1Page - Micro Commercial Components S10D Datasheet HTML 2Page - Micro Commercial Components S10D Datasheet HTML 3Page - Micro Commercial Components S10D Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S10A
THRU
S10M
10 Amp
Silicon Rectifier
50 to 1000 Volts
Features
x
Low Thermal Resistance
x
High Temp Soldering: 260
qC for 10 Seconds At Terminals
S10A
S10A
50V
35V
50V
S10B
S10B
100V
70V
100V
S10D
S10D
200V
140V
200V
S10G
S10G
400V
280V
400V
S10J
S10J
600V
420V
600V
S10K
S10K
800V
560V
800V
S10M
S10M
1000V
700V
1000V
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
Tc = 75
qC
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 10.0A;
TJ = 25
qC*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
PATJ = 25qC
*Pulse test: Pulse width 200
Psec, Duty cycle 2%
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
H
J
E
F
G
A
B
D
C
Cathode Band
DO-214AB
(HSMC) (Round Lead)
0.070”
0.190
0.200”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.
705.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E.
047
.056
1.
20
1.
42
F
.168
.179
4.27
4.55
G.3
09
.
322
7.85
8.
18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Maximum Ratings
x
Operating Temperature: -55
qC to +150qC
x
Storage Temperature: -55
qC to +150qC
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
x
Maximum Thermal Resistance: 10
qC/W Junction To Case
Revision: B
2011/06/01
www.mccsemi.com
1 of 4
MCC
TM
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - S10D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10D MCC-S10D Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
S10D CHENDA-S10D Datasheet
810Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S10D YFWDIODE-S10D Datasheet
522Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S10D MCC-S10D Datasheet
230Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Shunye Electro...
S10D SY-S10D Datasheet
934Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S10D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10A MCC-S10A_13 Datasheet
230Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S10A-TP MCC-S10A-TP Datasheet
320Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
10A01 MCC-10A01_13 Datasheet
442Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01_11 Datasheet
456Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
FR1001 MCC-FR1001 Datasheet
398Kb / 4P
   10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S1A MCC-S1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com