Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0522101VXC Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0522101VXC
Description  1.6-Gbps to 2.5-Gbps Class V Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-0522101VXC Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-0522101VXC Datasheet HTML 7Page - Texas Instruments 5962-0522101VXC Datasheet HTML 8Page - Texas Instruments 5962-0522101VXC Datasheet HTML 9Page - Texas Instruments 5962-0522101VXC Datasheet HTML 10Page - Texas Instruments 5962-0522101VXC Datasheet HTML 11Page - Texas Instruments 5962-0522101VXC Datasheet HTML 12Page - Texas Instruments 5962-0522101VXC Datasheet HTML 13Page - Texas Instruments 5962-0522101VXC Datasheet HTML 14Page - Texas Instruments 5962-0522101VXC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
REFERENCE CLOCK (TXCLK) TIMING REQUIREMENTS
TLK2711-SP
www.ti.com .............................................................................................................................................................. SGLS307D – JULY 2006 – REVISED JULY 2009
over operating temperature range (unless otherwise noted)
(1)
UNIT
VDD
Supply voltage range(2)
–0.3 V to 3 V
TXD0–TXD15, ENABLE, TXCLK, TKMSB,
TKLSB, LOOPEN, PRBSEN, LCKREFN,
–0.3 V to 4 V
Voltage range
PRE
All other terminals
–0.3 V to VDD , VDDA + 0.3 V
PD
Package power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65°C to 150°C
Electrostatic discharge
HBM
2 kV
Tc
Characterized case operating temperature range
HFG
–55°C to 125°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are stated with respect to network ground.
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Frequency range 1.6 Gbps to 2 Gbps
2.375
2.5
2.625
VDD
Supply voltage
V
Frequency range 1.6 Gbps to 2.5 Gbps
2.5
2.6
2.7
Frequency = 1.6 Gbps, PRBS pattern
110
ICC
Supply current
mA
Frequency = 2.5 Gbps, PRBS pattern
160
Frequency = 1.6 Gbps, PRBS pattern
275
PD
Power dissipation
Frequency = 2.5 Gbps, PRBS pattern
400
mW
Frequency = 2.5 Gbps, PRBS pattern
550
Shutdown current
Enable = 0, VDDA, VDD terminals, VDD = MAX
3
mA
PLL startup lock time
VDD, VDDC = 2.375 V
0.1
0.4
ms
Data acquisition time
1024
Bits
Tc
Operating case temperature
–55
125
°C
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Receiver data rate/20
–100
100
ppm
Frequency tolerance
–100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Peak to peak
40
ps
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLK2711-SP


Similar Part No. - 5962-0522101VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0522101VXC TI1-5962-0522101VXC Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
5962-0522101VXC TI1-5962-0522101VXC Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results

Similar Description - 5962-0522101VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com