Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LZ34B10 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LZ34B10
Description  1/4-type Color CMOS Image Sensor with 350 k Pixels
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LZ34B10 Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The LZ34B10 is a 1/4-type (4.5 mm) solid-state
image sensor that consists of PN photo-diodes and
color CMOS (Complementary Metal Oxide Semi-
conductor) devices. The sensor further includes a
timing generator (TG), a correlated double sampling
(CDS) circuit, an auto gain control (AGC) circuit
and an analog-to-digital converter (ADC) circuit.
With approximately 350 000 pixels (703 horizontal x
499 vertical), the sensor provides a stable digital
color image with extremely low power consumption.
FEATURES
• Progressive scan
• Square pixel
• Compatible with VGA standard
• Number of effective pixels : 655 (H) x 493 (V)
• Number of optical black pixels
– Horizontal : 24 front and 24 rear
– Vertical : 3 front and 3 rear
• Pixel pitch : 5.6 µm (H) x 5.6 µm (V)
• R, G, and B primary color mosaic filters
• Image inversion function (horizontally and/or
vertically)
• Power save mode
• Monitoring mode : 60 fields/s
• Analog output and 8-bit digital output
• Variable gain control
• Variable electronic shutter (1/30 to 1/15 750 s)
• Single +3.3 V power supply
• Package : 36-pin WLCC* (WLCC036-N-R625)
* Window Leadless Chip Carrier
LZ34B10
LZ34B10
1/4-type Color CMOS Image Sensor with
350 k Pixels
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
BLOCK DIAGRAM
DSP
JPEG
USB I/F
MICRO
COMPUTER
LU831801 : 14 mW
E
2PROM
CMOS
IMAGE
SENSOR
LZ34B10 or LZ0P3811*∫
* Built-in lens CMOS image sensor
Digital Signal Processor : 350 mW
LR38602
∫ Under development
U/Y/V/Y
Digital
Output
CDS
AGC
TG
Supply Voltage 3.3 V
8-BIT
ADC
To PC
via USB
Power Consumption
CMOS Image Sensor : 60 mW


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn