Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBXDPA018LNHTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXDPA018LNHTAG
Description  2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDPA018LNHTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NBXDPA018LNHTAG Datasheet HTML 1Page - ON Semiconductor NBXDPA018LNHTAG Datasheet HTML 2Page - ON Semiconductor NBXDPA018LNHTAG Datasheet HTML 3Page - ON Semiconductor NBXDPA018LNHTAG Datasheet HTML 4Page - ON Semiconductor NBXDPA018LNHTAG Datasheet HTML 5Page - ON Semiconductor NBXDPA018LNHTAG Datasheet HTML 6Page - ON Semiconductor NBXDPA018LNHTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 1
1
Publication Order Number:
NBXDPA018/D
NBXDPA018
2.5 V / 3.3 V, 155.52 MHz /
311.04MHz LVDS Clock
Oscillator
The NBXDPA018 dual frequency crystal oscillator (XO) is
designed to meet today’s requirements for 2.5 V and 3.3 V LVDS
clock generation applications. The device uses a high Q fundamental
crystal and Phase Lock Loop (PLL) multiplier to provide selectable
155.52 MHz or 311.04 MHz, ultra low jitter and phase noise LVDS
differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000.
Features
LVDS Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.5 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 155.52 MHz (default) / 311.04 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range: 2.5 V ±5%
Operating Range: 3.3 V
±10%
Total Frequency Stability − $50 ppm
This is a Pb−Free Device
Applications
SONET Line Card
Networking
Optical Systems
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDPA018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAM
NBXDPA018 = NBXDPA018 (±50 PPM)
155.52/311.04 = Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDPA018
155.52/311.04
AAWLYYWWG
NBXDPA018LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel


Similar Part No. - NBXDPA018LNHTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXDPA018LNHTAG ONSEMI-NBXDPA018LNHTAG Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com