Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ24BP Datasheet(PDF) 5 Page - Sharp Corporation

Part # LZ24BP
Description  1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ24BP Datasheet(HTML) 5 Page - Sharp Corporation

  LZ24BP Datasheet HTML 1Page - Sharp Corporation LZ24BP Datasheet HTML 2Page - Sharp Corporation LZ24BP Datasheet HTML 3Page - Sharp Corporation LZ24BP Datasheet HTML 4Page - Sharp Corporation LZ24BP Datasheet HTML 5Page - Sharp Corporation LZ24BP Datasheet HTML 6Page - Sharp Corporation LZ24BP Datasheet HTML 7Page - Sharp Corporation LZ24BP Datasheet HTML 8Page - Sharp Corporation LZ24BP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LZ24BP
5
PIXEL STRUCTURE
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
659 (H) x 494 (V)
OPTICAL BLACK
(2 PIXELS)
OPTICAL BLACK
(8 PIXELS)
1 pin
OPTICAL BLACK
(2 PIXELS)
OPTICAL BLACK
(31 PIXELS)
COLOR FILTER ARRAY
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
GBGB
RGRG
GBGB
RGRG
GBGB
RGR
G
R
G
R
G
R
G
(1, 494)
(659, 494)
(1, 1)
(659, 1)


Similar Part No. - LZ24BP

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ24 EBMPAPST-LZ24 Datasheet
436Kb / 2P
   METAL FINGER GUARDS
logo
Sharp Corporation
LZ2413 SHARP-LZ2413 Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
More results

Similar Description - LZ24BP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ23BP2 SHARP-LZ23BP2 Datasheet
90Kb / 11P
   1/3-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ0P3641 SHARP-LZ0P3641 Datasheet
132Kb / 13P
   1/4-type Built-in Lens Color CCD Area Sensors with 350 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ23J3V SHARP-LZ23J3V Datasheet
126Kb / 15P
   1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com