Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R5-25YLC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN7R5-25YLC
Description  N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN7R5-25YLC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN7R5-25YLC Datasheet HTML 5Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 6Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 7Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 8Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 9Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 10Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 11Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 12Page - NXP Semiconductors PSMN7R5-25YLC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PSMN7R5-25YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 1 — 12 July 2011
9 of 15
NXP Semiconductors
PSMN7R5-25YLC
N-channel 25 V 7.4 m
Ω logic level MOSFET in LFPAK using NextPower technology
Fig 12. Drain-source on-state resistance as a function
of drain current; typical values
Fig 13. Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 14. Gate charge waveform definitions
Fig 15. Gate-source voltage as a function of gate
charge; typical values
003aag175
0
5
10
15
20
25
020
40
60
80
I
D(A)
R
DSon
(m
Ω)
2.8
4.5
3.0
V
GS(V) = 3.5
10
003a a g176
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
C)
a
VGS = 10V
4.5V
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003a a g177
0
2
4
6
8
10
04
8
12
16
20
QG (nC)
VGS
(V)
VDS = 5V
20V
12V


Similar Part No. - PSMN7R5-25YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R5-25YLC NEXPERIA-PSMN7R5-25YLC Datasheet
442Kb / 16P
   N-channel 25 V 7.4 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results

Similar Description - PSMN7R5-25YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R5-25YLC NEXPERIA-PSMN7R5-25YLC Datasheet
442Kb / 16P
   N-channel 25 V 7.4 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB_15 Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
349Kb / 15P
   N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R2-25YLC NXP-PSMN2R2-25YLC Datasheet
350Kb / 15P
   N-channel 25 V 2.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com