Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4330FBD144 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC4330FBD144
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4330FBD144 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC4330FBD144 Datasheet HTML 2Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 3Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 4Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 5Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 9Page - NXP Semiconductors LPC4330FBD144 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
6 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
5.
Block diagram
(1) Not available on all parts (see Table 2).
Fig 1.
LPC4350/30/20/10 Block diagram
ARM
CORTEX-M4
TEST/DEBUG
INTERFACE
GPDMA
LCD(1)
SD/
MMC
ETHERNET(1)
10/100
MAC
IEEE 1588
HIGH-SPEED
USB0(1)
HOST/
DEVICE/OTG
HIGH-SPEED
USB1(1)
HOST/DEVICE
EMC
HIGH-SPEED PHY
32 kB AHB SRAM
16 +16 kB AHB SRAM
SPIFI
AES
HS GPIO
SPI
SGPIO
SCT
64 kB ROM
I2C0
I2S0
I2S1
C_CAN1
MOTOR
CONTROL
PWM(1)
TIMER3
TIMER2
USART2
USART3
SSP1
RI TIMER
QEI(1)
GIMA
BRIDGE 0
BRIDGE 1
BRIDGE 2
BRIDGE 3
BRIDGE
AHB MULTILAYER MATRIX
LPC4350/30/20/10
128 kB LOCAL SRAM
72 kB LOCAL SRAM
10-bit ADC0
10-bit ADC1
C_CAN0
I2C1
10-bit DAC
BRIDGE
RGU
CCU2
CGU
CCU1
ALARM TIMER
CONFIGURATION
REGISTERS
OTP MEMORY
EVENT ROUTER
POWER MODE CONTROL
12 MHz IRC
RTC POWER DOMAIN
BACKUP REGISTERS
RTC OSC
RTC
002aaf772
slaves
slaves
masters
ARM
CORTEX-M0
TEST/DEBUG
INTERFACE
= connected to GPDMA
GPIO
INTERRUPTS
GPIO GROUP0
INTERRUPT
GPIO GROUP1
INTERRUPT
WWDT
USART0
UART1
SSP0
TIMER0
TIMER1
SCU


Similar Part No. - LPC4330FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4330FBD144 NXP-LPC4330FBD144 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
More results

Similar Description - LPC4330FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
   32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
   32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com