Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4330FET256 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC4330FET256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4330FET256 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC4330FET256 Datasheet HTML 1Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 2Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 3Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 4Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 5Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 6Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 7Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 8Page - NXP Semiconductors LPC4330FET256 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
5 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC4350FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC4350FET180
TFBGA180 Thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4350FBD208
LQFP208
Plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC4330FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC4330FET180
TFBGA180 Thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4330FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm
SOT926-1
LPC4330FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4320FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm
SOT926-1
LPC4320FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4320FBD100
LQFP100
Plastic low profile quad flat package; 100 leads; body 14
 14  1.4 mm
SOT407-1
LPC4310FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm
SOT926-1
LPC4310FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
Table 2.
Ordering options
Type number
Total
SRAM
LCD Ethernet
USB0
(Host,
Device,
OTG)
USB1
(Host,
Device)/
ULPI
interface
ADC
channels
PWM
QEI
GPIO
Package
LPC4350FET256
264 kB
yes
yes
yes
yes/yes
8
yes
yes
164
LBGA256
LPC4350FET180
264 kB
yes
yes
yes
yes/yes
8
yes
yes
118
TFBGA180
LPC4350FBD208
264 kB
yes
yes
yes
yes/yes
8
yes
yes
142
LQFP208
LPC4330FET256
264 kB
no
yes
yes
yes/yes
8
yes
yes
164
LBGA256
LPC4330FET180
264 kB
no
yes
yes
yes/yes
8
yes
yes
118
TFBGA180
LPC4330FET100
264 kB
no
yes
yes
yes/no
4
no
no
49
TFBGA100
LPC4330FBD144
264 kB
no
yes
yes
yes/no
8
yes
no
83
LQFP144
LPC4320FET100
200 kB
no
no
yes
no
4
no
no
49
TFBGA100
LPC4320FBD144
200 kB
no
no
yes
no
8
yes
no
83
LQFP144
LPC4320FBD100
168 kB
no
no
yes
no
5
no
no
49
LQFP100
LPC4310FET100
168 kB
no
no
no
no
4
no
no
49
TFBGA100
LPC4310FBD144
168 kB
no
no
no
no
8
yes
no
83
LQFP144


Similar Part No. - LPC4330FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4330FET256 NXP-LPC4330FET256 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
More results

Similar Description - LPC4330FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
   32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
   32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com