Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2426J Datasheet(PDF) 6 Page - Sharp Corporation

Part # LZ2426J
Description  Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2426J Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LZ2426J Datasheet HTML 2Page - Sharp Corporation LZ2426J Datasheet HTML 3Page - Sharp Corporation LZ2426J Datasheet HTML 4Page - Sharp Corporation LZ2426J Datasheet HTML 5Page - Sharp Corporation LZ2426J Datasheet HTML 6Page - Sharp Corporation LZ2426J Datasheet HTML 7Page - Sharp Corporation LZ2426J Datasheet HTML 8Page - Sharp Corporation LZ2426J Datasheet HTML 9Page - Sharp Corporation LZ2426J Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LZ2426J
OS
ØRS
ØH2
ØH1
HD
OB (28)
OUTPUT (512) 1ππππππππππ
ØOFD
ØV4
ØV3
ØV2
ØV1
HORIZONTAL TRANSFER TIMING <NORMAL OUTPUT>
618, 1
60
84.5
24
24
49
39
54
29
34
62
72
PRE SCAN (4)
... 512
59
64
ØV4
ØTG
ØV3
ØV2
ØV1
HD
(1st, 3rd FIELD)
(2nd, 4th FIELD)
READOUT TIMING <NORMAL OUTPUT>
ØV4
ØTG
ØV3
ØV2
ØV1
HD
1
24
60
29
39
54
64
34
59
49
60
1
29
39
24
60
54
64
34
59
49
60
242
338
25.07 µs (242 bits)
25.07 µs (242 bits)
64.00 µs (618 bits)
338
242
618, 1
618, 1
OB (2)
64.00 µs (618 bits)
9.95 µs (96 bits)
9.95 µs (96 bits)


Similar Part No. - LZ2426J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
More results

Similar Description - LZ2426J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2336 SHARP-LZ2336 Datasheet
178Kb / 8P
   Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA
LZ2346 SHARP-LZ2346 Datasheet
185Kb / 8P
   Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com