Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2460FBD208 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2460FBD208
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2460FBD208 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2460FBD208 Datasheet HTML 1Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 2Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 3Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 4Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 5Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 6Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 7Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 8Page - NXP Semiconductors LPC2460FBD208 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
LPC2420_60
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6.1 — 22 September 2011
3 of 86
NXP Semiconductors
LPC2420/2460
Flashless 16-bit/32-bit microcontroller
Each peripheral has its own clock divider for further power saving. These dividers help
reduce active power by 20 % to 30 %.
Brownout detect with separate thresholds for interrupt and forced reset.
On-chip power-on reset.
On-chip crystal oscillator with an operating range of 1 MHz to 25 MHz.
4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.
On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
Boundary scan for simplified board testing.
Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
3.
Applications
Industrial control
Medical systems
Protocol converter
Communications
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2420FBD208 LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC2420FET208
TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls; body 15
 15  0.7 mm SOT950-1
LPC2460FBD208 LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC2460FET208
TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls; body 15
 15  0.7 mm SOT950-1


Similar Part No. - LPC2460FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2460FBD208 PHILIPS-LPC2460FBD208 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2460FBD208 PHILIPS-LPC2460FBD208 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460FBD208 NXP-LPC2460FBD208 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2460FBD208 NXP-LPC2460FBD208 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2460FBD208 NXP-LPC2460FBD208 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
More results

Similar Description - LPC2460FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
LPC2420 NXP-LPC2420_09 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470_1109 NXP-LPC2470_1109 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
LPC2470 NXP-LPC2470 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470 NXP-LPC2470_11 Datasheet
696Kb / 89P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Rev. 3-14 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com