Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2387FBD100 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2387FBD100
Description  Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387FBD100 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2387FBD100 Datasheet HTML 1Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 2Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 3Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 4Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 5Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 6Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 7Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 8Page - NXP Semiconductors LPC2387FBD100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
LPC2387
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 10 February 2011
3 of 64
NXP Semiconductors
LPC2387
Single-chip 16-bit/32-bit MCU
On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
3.
Applications
Industrial control
Medical systems
Protocol converter
Communications
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2387FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
Ether
net
USB
device
+ 4 kB
FIFO
SD/
MMC
GP
DMA
Channels
Temp
range
Local
bus
Ethernet
buffers
GP/
USB
RTC Total
CAN ADC DAC
LPC2387FBD100 512
64
16
16
2
98
RMII
yes
yes
yes
2
6
1
−40 °C
to
+85
°C


Similar Part No. - LPC2387FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
241Kb / 52P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
439Kb / 66P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013
More results

Similar Description - LPC2387FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2387 NXP-LPC2387_V01 Datasheet
439Kb / 66P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013
LPC2387_0810 NXP-LPC2387_0810 Datasheet
241Kb / 52P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008
LPC2388 NXP-LPC2388_V01 Datasheet
378Kb / 74P
   Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013
LPC2388 NXP-LPC2388 Datasheet
275Kb / 61P
   Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 01-19 December 2008
LPC2388 PHILIPS-LPC2388 Datasheet
1Mb / 57P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev.00.02-28 January 2008
LPC2361 NXP-LPC2361_10 Datasheet
881Kb / 57P
   Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 04-4 March 2010
LPC2361 NXP-LPC2361_V01 Datasheet
484Kb / 65P
   Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??5 October 2013
LPC2361 NXP-LPC2361 Datasheet
236Kb / 50P
   Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-11 November 2008
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com