Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1812 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1812
Description  Fastest Cortex-M3 MCU, Largest SRAM, High Speed USB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1812 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1812 Datasheet HTML 1Page - NXP Semiconductors LPC1812 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP 150 MHz, 32-bit
Cortex-M3microcontrollers
LPC1800
Key features
4
150 MHz, 32-bit ARM Cortex-M3
4
Up to 1 MB dual-bank Flash
4
Up to 200 KB SRAM
4
Up to 4 KB EEPROM
4
Memory Protection Unit (MPU)
4
Two high-speed USB 2.0 interfaces, on-chip high-speed PHY
4
10/100T Ethernet MAC with MII and RMII interfaces
4
LCD controller with 1024 x 768 pixel display resolution
4
Innovative Quad SPI Flash Interface (SPIFI)
4
State Configurable Timer (SCT) Subsystem
4
Two CAN 2.0B
4
AES Decryption with 128-bit secure OTP key storage
4
Up to 164 GPIO
4
Pin-compatible with the LPC4300 series
Additional features
4
8-channel GPDMA controller
4
Two 8-channel, 10-bit ADCs and one 10-bit DAC
(400 K samples per second)
4
Motor Control PWM and Quadrature Encoder Interface
4
Four UARTs, smart card interface
4
Two Fast-mode I2C, two I2S, two SSP/SPI
4
Temperature range: –40 to +85 ºC
Lower power and high performance
The LPC1800 - designed using NXP’s ultra low-leakage 90 nm
process technology - is optimized for low power operation at
very low frequencies all the way through to 150 MHz maximum
performance from either Flash or RAM. This performance
provides maximum connectivity and bandwidth options for
a wide range of demanding applications including power
conversion, lighting, motor control and audio applications.
Large internal memory
The LPC1800 offers the industry’s largest on-chip SRAM for
a Cortex-M3 with up to 200 KB provided in multiple banks.
A flexible dual-bank Flash architecture offers the highest
reliability in-application re-programming, and allows for
non-stop Flash operation.
Extensive peripheral set
The LPC1800 also features two new innovative peripherals:
a flexible quad-SPI interface and a State Configurable Timer
subsystem. The LPC1800 is the first microcontroller to provide
a seamless high-speed interface that will connect with virtually
all SPI and quad-SPI manufacturers. The LPC1800’s State
Configurable Timer Subsystem comprises of a timer array
with a state machine enabling complex functionality including
Fastest Cortex-M3 MCU, Largest SRAM,
High Speed USB
The LPC1800 series of low power, high-performance Cortex-M3 MCUs features frequencies up to
150 MHz and flexible Dual-Bank Flash for the highest reliability in-application re-programming.


Similar Part No. - LPC1812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1812 NXP-LPC1812 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC1812JBD144 NXP-LPC1812JBD144 Datasheet
70Kb / 11P
   Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
LPC1812JBD144 PHILIPS-LPC1812JBD144 Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC1812JBD144 NXP-LPC1812JBD144 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC1812JET100 NXP-LPC1812JET100 Datasheet
70Kb / 11P
   Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
More results

Similar Description - LPC1812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC1850 NXP-LPC1850_13 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
LPC1850_1109 NXP-LPC1850_1109 Datasheet
1Mb / 142P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850_1112 PHILIPS-LPC1850_1112 Datasheet
2Mb / 157P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
logo
STMicroelectronics
STM32L151C8T6 STMICROELECTRONICS-STM32L151C8T6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
STM32L151VBT6 STMICROELECTRONICS-STM32L151VBT6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 136P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com