Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2326AR Datasheet(PDF) 1 Page - Sharp Corporation

Part # LZ2326AR
Description  Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2326AR Datasheet(HTML) 1 Page - Sharp Corporation

  LZ2326AR Datasheet HTML 1Page - Sharp Corporation LZ2326AR Datasheet HTML 2Page - Sharp Corporation LZ2326AR Datasheet HTML 3Page - Sharp Corporation LZ2326AR Datasheet HTML 4Page - Sharp Corporation LZ2326AR Datasheet HTML 5Page - Sharp Corporation LZ2326AR Datasheet HTML 6Page - Sharp Corporation LZ2326AR Datasheet HTML 7Page - Sharp Corporation LZ2326AR Datasheet HTML 8Page - Sharp Corporation LZ2326AR Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
LZ2325A/LZ2326AR
DESCRIPTION
The LZ2325A/LZ2326AR are 1/3-type (6.0 mm)
solid-state image sensors that consist of PN photo-
diodes and CCDs (charge-coupled devices) driven
by dual-power-supply. With approximately 320 000
pixels (542 horizontal x 582 vertical), the sensor
provides a stable high-resolution color (LZ2325A)/
B/W (LZ2326AR) normal or mirror image.
FEATURES
• Number of effective pixels : 512 (H) x 582 (V)
• Number of optical black pixels
– Horizontal : 2 front and 28 rear
• Pixel pitch : 9.6 µm (H) x 6.3 µm (V)
• Mg, G, Cy, and Ye complementary color filters
(For LZ2325A)
• Low fixed-pattern noise and lag
• No burn-in and no image distortion
• Blooming suppression structure
• Built-in output amplifier
• Built-in pulse mix circuit
• Built-in overflow drain voltage circuit and reset
gate voltage circuit
• Variable electronic shutter (1/50 to 1/10 000 s)
• Normal or mirror image output available from
common output pin
• Compatible with PAL standard (LZ2325A)/
CCIR standard (LZ2326AR)
• Package :
16-pin shrink-pitch WDIP [Ceramic]
(WDIP016-N-0500C)
Row space : 12.70 mm
PIN CONNECTIONS
PRECAUTIONS
• The exit pupil position of lens should be more
than 25 mm (LZ2325A)/20 mm (LZ2326AR) from
the top surface of the CCD.
• Refer to "PRECAUTIONS FOR CCD AREA
SENSORS" for details.
LZ2325A/
LZ2326AR
Dual-power-supply (5 V/12 V) Operation
1/3-type CCD Area Sensors with 320 k Pixels
1
ØRS
2
RD
3
GND
4
OS
5
OD
6
ØH2B
7
ØH2
8
16
15
14
13
12
11
10
9
ØH1B
T1
OFD
ØTG
ØV2
ØV1
ØV4
ØV3
ØH1
16-PIN SHRINK-PITCH WDIP
TOP VIEW
(WDIP016-N-0500C)
Characteristics
TV standard
LZ2326AR
CCIR standard (B/W)
LZ2325A
PAL standard (Color)
Refer to each following specification.
COMPARISON TABLE


Similar Part No. - LZ2326AR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ2324HJ SHARP-LZ2324HJ Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
More results

Similar Description - LZ2326AR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
   1/3-type CCD Area Sensors with 470 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ0P3620 SHARP-LZ0P3620 Datasheet
120Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com