Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1342FBD48 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1342FBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1342FBD48 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1342FBD48 Datasheet HTML 1Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 2Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 3Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 4Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 5Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 6Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 7Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 8Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 June 2011
5 of 73
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
5.
Block diagram
(1) LPC1342/43 only.
(2) LQFP48 package only.
(3) On LPC1313FBD48/01 only.
(4) Windowed WatchDog Timer (WWDT) on LPC1311/01 and LPC1313/01 only.
Fig 1.
Block diagram
SRAM
4/8 kB
ARM
CORTEX-M3
TEST/DEBUG
INTERFACE
FLASH
8/16/32 kB
USB DEVICE
CONTROLLER(1)
I-code
bus
D-code
bus
system
bus
AHB TO
APB
BRIDGE
HIGH-SPEED
GPIO
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
XTALIN
XTALOUT
RESET
clocks and
controls
SWD
USB PHY(1)
SSP0
10-bit ADC
UART
32-bit COUNTER/TIMER 0
I2C-BUS
WDT/WWDT(4)
IOCONFIG
LPC1311/13/42/43
slave
002aae722
slave
slave
slave
slave
ROM
slave
AHB-LITE BUS
GPIO ports
PIO0/1/2/3
CT32B0_MAT[3:0]
AD[7:0]
CT32B0_CAP0
SDA
SCL
RXD
TXD
DTR, DSR(2), CTS,
DCD(2), RI(2), RTS
SYSTEM CONTROL
32-bit COUNTER/TIMER 1
CT32B1_MAT[3:0]
CT32B1_CAP0
16-bit COUNTER/TIMER 1
CT16B1_MAT[1:0]
CT16B1_CAP0
16-bit COUNTER/TIMER 0
CT16B0_MAT[2:0]
CT16B0_CAP0
USB pins
SCK0,SSEL0
MISO0, MOSI0
SSP1(3)
SCK1,SSEL1
MISO1, MOSI0
CLKOUT
IRC
WDO
POR


Similar Part No. - LPC1342FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1342FBD48 NXP-LPC1342FBD48 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results

Similar Description - LPC1342FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com