Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2323H5 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LZ2323H5
Description  1/3-type CCD Area Sensors with 320 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2323H5 Datasheet(HTML) 2 Page - Sharp Corporation

  LZ2323H5 Datasheet HTML 1Page - Sharp Corporation LZ2323H5 Datasheet HTML 2Page - Sharp Corporation LZ2323H5 Datasheet HTML 3Page - Sharp Corporation LZ2323H5 Datasheet HTML 4Page - Sharp Corporation LZ2323H5 Datasheet HTML 5Page - Sharp Corporation LZ2323H5 Datasheet HTML 6Page - Sharp Corporation LZ2323H5 Datasheet HTML 7Page - Sharp Corporation LZ2323H5 Datasheet HTML 8Page - Sharp Corporation LZ2323H5 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LZ2323H5/LZ2324HJ
2
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
SYMBOL
PIN NAME
RD
Reset transistor drain
OD
Output transistor drain
OS
Output signals
ØRS
Reset transistor clock
ØV1, ØV2, ØV3, ØV4
Vertical shift register clock
ØH1, ØH2
Horizontal shift register clock
OFD
Overflow drain
PW
P-well
GND
Ground
T1
Test pin
NC1, NC2
No connection
PARAMETER
SYMBOL
RATING
UNIT
Output transistor drain voltage
VOD
0 to +18
V
Reset transistor drain voltage
VRD
0 to +18
V
Overflow drain voltage
VOFD
0 to +55
V
Test pin, T1
VT1
0 to +18
V
Reset gate clock voltage
VØRS
–0.3 to +18
V
Vertical shift register clock voltage
VØV
–9.0 to +18
V
Horizontal shift register clock voltage
VØH
–0.3 to +18
V
Voltage difference between P-well and vertical clock
VPW-VØV
–27 to 0
V
Storage temperature
TSTG
–40 to +85
˚C
Ambient operating temperature
TOPR
–20 to +70
˚C
1
NOTE
NOTE :
1. The OFD clock ØOFD is excluded.


Similar Part No. - LZ2323H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2326AR SHARP-LZ2326AR Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
More results

Similar Description - LZ2323H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
   1/3-type CCD Area Sensors with 470 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ0P3620 SHARP-LZ0P3620 Datasheet
120Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
   1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com