Electronic Components Datasheet Search |
|
LPC1311FHN33 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
LPC1311FHN33 Datasheet(HTML) 21 Page - NXP Semiconductors |
21 / 73 page LPC1311_13_42_43 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 4 — 20 June 2011 21 of 73 NXP Semiconductors LPC1311/13/42/43 32-bit ARM Cortex-M3 microcontroller 7.10 UART The LPC1311/13/42/43 contains one UART. Support for RS-485/9-bit mode allows both software address detection and automatic address detection using 9-bit mode. The UART includes a fractional baud rate generator. Standard baud rates such as 115200 Bd can be achieved with any crystal frequency above 2 MHz. 7.10.1 Features • Maximum UART data bit rate of 4.5 MBit/s. • 16-byte receive and transmit FIFOs. • Register locations conform to 16C550 industry standard. • Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B. • Built-in fractional baud rate generator covering wide range of baud rates without a need for external crystals of particular values. • Fractional divider for baud rate control, auto baud capabilities and FIFO control mechanism that enables software flow control implementation. • Support for RS-485/9-bit mode. • Support for modem control. 7.11 SSP serial I/O controller The LPC1311/13/42/43 contain one SSP controller. An additional SSP controller is available on the LPC1313FBD48/01 package. The SSP controller is capable of operation on a SSP, 4-wire SSI, or Microwire bus. It can interact with multiple masters and slaves on the bus. Only a single master and a single slave can communicate on the bus during a given data transfer. The SSP supports full duplex transfers, with frames of 4 bits to 16 bits of data flowing from the master to the slave and from the slave to the master. In practice, often only one of these data flows carries meaningful data. 7.11.1 Features • Maximum SSP speed of 36 Mbit/s (master) or 6 Mbit/s (slave) • Compatible with Motorola SPI, 4-wire Texas Instruments SSI, and National Semiconductor Microwire buses • Synchronous serial communication • Master or slave operation • 8-frame FIFOs for both transmit and receive • 4-bit to 16-bit frame 7.12 I2C-bus serial I/O controller The LPC1311/13/42/43 contain one I2C-bus controller. |
Similar Part No. - LPC1311FHN33 |
|
Similar Description - LPC1311FHN33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |