Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2313H5 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LZ2313H5
Description  1/3-type CCD Area Sensors with 270 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2313H5 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LZ2313H5 Datasheet HTML 4Page - Sharp Corporation LZ2313H5 Datasheet HTML 5Page - Sharp Corporation LZ2313H5 Datasheet HTML 6Page - Sharp Corporation LZ2313H5 Datasheet HTML 7Page - Sharp Corporation LZ2313H5 Datasheet HTML 8Page - Sharp Corporation LZ2313H5 Datasheet HTML 9Page - Sharp Corporation LZ2313H5 Datasheet HTML 10Page - Sharp Corporation LZ2313H5 Datasheet HTML 11Page - Sharp Corporation LZ2313H5 Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGES FOR CCD AND CMOS DEVICES
10
PACKAGE
(Unit : mm)
0.04
Package (Cerdip)
Glass Lid
CCD
Cross Section A-A'
1
8
14.00±0.15
16
9
7.00±0.15
1.40±0.60
θ
CCD
(◊ : Lid's size)
11.20±0.10 (◊)
Center of effective imaging area
and center of package
0.25±0.10
12.70±0.25
0.46TYP.
0.90TYP.
P-1.78TYP.
A'
A
Rotation error of die : ¬ = 1.5˚MAX.
M
0.25
16 WDIP (WDIP016-N-0500C)


Similar Part No. - LZ2313H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2316AR SHARP-LZ2316AR Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
More results

Similar Description - LZ2313H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
   1/3-type CCD Area Sensors with 470 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ0P3610 SHARP-LZ0P3610 Datasheet
126Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
   1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
   1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com