Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LZ0P3800 Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. LZ0P3800
Description  1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LZ0P3800 Datasheet(HTML) 6 Page - Sharp Electrionic Components

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LZ0P3800
6
PIXEL STRUCTURE
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
,
,
,
,
,
,
,
y
y
y
y
y
y
y
,
,
,
,
,
,
,
y
y
y
y
y
y
y
,
,
,
,
,
,
,
y
y
y
y
y
y
y
,
,
,
,
,
,
,
y
y
y
y
y
y
y
367 (H) X 291 (V)
OPTICAL BLACK
(4 PIXELS)
OPTICAL BLACK
(4 PIXELS)
OB
(A)
6
OB
(A)
6
OB
(B)
7
OB
(B)
7
OPTICAL BLACK
(13 PIXELS)
OPTICAL BLACK
(13 PIXELS)
COLOR FILTER ARRAY
(1, 291)
(367, 291)
(1, 1)
(367, 1)
R
G
R
G
R
G
G
R
G
R
G
R
B
G
B
G
B
G
G
R
G
R
G
R
G
R
G
R
G
R
B
G
B
G
B
G
G
R
G
R
G
R
B
G
B
G
B
G
G
R
G
R
G
R
G
R
G
R
G
R
B
G
B
G
B
G
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
R
G
R
G
R
G
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
• OB (A) : Reference signal
formed by optically shielded
pixels.
• OB (B) : Standard signal gen-
erated electrically.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn