Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LZ0P3800 Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. LZ0P3800
Description  1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LZ0P3800 Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
LZ0P3800
CHARACTERISTICS (1/30 s progressive scan readout mode)
(TA : +25 ˚C, Operating conditions : The typical values specified in "RECOMMENDED OPERATING CONDITIONS".
Color temperature of light source : 3 200 K)
• Measurement point : Analog image signal output (pin no. 34), before AGC circuit and AD converter.
NOTES :
1. The average output voltage of G signal in the central
area (H/10, V/10) under uniform illumination.
The standard exposure conditions are defined as when
VO is 150 mV.
2. The average output voltage of G signal in the central
area (H/10, V/10) under 10 times exposure of the
standard exposure conditions.
3. The average output voltage of G signal in the central
area (H/10, V/10) when a 1 000 lux light source with a
white board of 90% reflector is imaged.
4. The resolution in the central area (H/10, V/10) at which
the image of the TV resolution chart (ex. EIAJ test chart)
can be distinguished on the B/W video monitor when
converted into composite video signals.
5. The resolution in the peripheral area (image height : Y =
0.8) under the conditions mentioned above.
6. Defined by the following formula at the brightness of
standard output voltage : (Vco/Vce) x 100 [%]
Vco : Output voltage at edge (image height : Y = 0.8) of
the image (at video output).
Vce : Output voltage at center of the image (at video output).
7. The difference between the center position of image and
that of the monitor. This is the ratio for the horizontal
underscanning monitor size which includes the decentering
eccentricity when turning the lens head one time.
8. Total current of analog and digital power supplies, in the
dark and at the standard load conditions.
PARAMETER
SYMBOL
Standard output voltage
VO
Saturation output voltage
VSAT
600
MIN.
TYP.
150
1 000
300
200
R
Sensitivity (Green channel)
3
2
1
NOTE
mV
mV
mV
UNIT
MAX.
mA
8
Supply current
IVDD
10
%6
Shading
40
TV line
4
Resolution (at center)
150
Resolution (at corner)
100
TV line
5
Difference of center position
7
%
±10
NOTES :
1. TV distortion is defined by the formula, (∆y/y) x 100 [%]
at capturing rectangular pattern sized horizontal by
vertical as 4 by 3.
"y" is defined as the vertical height of the center of the
horizontal line.
∆y is defined as the difference between the vertical height
of the center of the horizontal line and an edge of it.
2. The best focus point of an object can be obtained by
turning the lens head within this range.
3. Torques which are necessary for turning the lens.
* Be careful not to remove the lens head by turning it
counterclockwise too much when adjusting macro.
y
∆y
LENS SPECIFICATIONS
PARAMETER
SPECIFICATION
Construction
Single (non-spherical, plastic)
Focal length
4.0 mm [TYP. : reference]
NOTE
2.8±5%
F No.
Focus adjustment range
∞ to 10 cm
2
TV distortion
≤ –3.2%
1
Viewing angle
H : 52˚, V : 40˚, Diagonal : 65˚ [TYP. : reference]
3
0.00005 to 0.001 N·m
Torque of focusing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn