Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LZ0P3800 Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. LZ0P3800
Description  1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LZ0P3800 Datasheet(HTML) 4 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LZ0P3800
4
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
PARAMETER
SYMBOL
Power supply voltage
VDD
Input signal voltage
VØ
–0.3 to VDD +0.3
–0.3 to +4.3
RATING
UNIT
V
V
˚C
–20 to +70
TSTG
Storage temperature
PARAMETER
SYMBOL
Power supply voltage
VDD
Operating temperature
TOPR
–10
2.7
MIN.
UNIT
V
˚C
TYP.
MAX.
3.0
3.3
+25
+60
RECOMMENDED OPERATING CONDITIONS
9.0
MHz
fCK
Oscillation frequency
(Connect to pin
through a capacitor)
Analog input voltage
Digital input voltage
VØL
0V
0.2VDD
LOW level
HIGH level
Analog bias voltage
(Connect to GND
through a capacitor)
VØH
0.8VDD
VDD
V
3
1
2
NOTE
NOTES :
1. Applied to input pins HD, VD, SDI and SCLK.
2. Applied to input pins SIGIN and REFIN. Do not connect to DC directly.
3. Applied to pins BIAS1, BIAS2, BIAS3, OFS, ADL, DAL, DAH, CLP1 and CLP2.
Do not connect to GND directly.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn