Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LZ0P3800 Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. LZ0P3800
Description  1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LZ0P3800 Datasheet(HTML) 3 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
LZ0P3800
PIN NO. SYMBOL
I/O
DESCRIPTION
1
REFIN
I
Reference voltage for analog input
Analog
A/D
Digital
Clock input for oscillator
DVDD
13
Digital
Digital power supply
DGND
12
Analog
Digital ground
AGND
11
Analog
Analog ground
DAH
10
Analog
Top DAC reference voltage
DAL
9
Analog
Bottom DAC reference voltage
ADL
8
Analog
Bottom ADC reference voltage
OFS
7
Analog
Offset bias voltage for AGC output
AVDD
6
Analog
Analog power supply
AGND
5
Analog
Analog ground
O
AGCOUT
4
Analog
AGC output
BIAS3
3
Analog
Connect to AGC bias resistor
AGCSET
2
Analog bias voltage 3 for image sensor
14
CKI
I
Digital
Digital
I
SDI
27
Data input (AGC gain, offset, shutter control, etc.)
Digital
I
VD
26
Vertical drive pulse input
Digital
I
HD
25
Horizontal drive pulse input
Digital
O
CLK
24
Clock output (9.0 MHz)
Digital
O
D7
23
ADC signal output (MSB)
Digital
O
D6
22
ADC signal output
Digital
O
D5
21
ADC signal output
Digital
O
D4
20
ADC signal output
Digital
O
D3
19
ADC signal output
Digital
O
D2
18
ADC signal output
Digital
O
D1
17
ADC signal output
Digital
O
D0
16
ADC signal output (LSB)
Digital
O
CKO
15
Clock output for oscillator
No connection
36
NC
Analog image signal input
35
SIGIN
I
Analog
Analog image signal output
34
SIGOUT
O
Analog
Analog bias voltage 1 for clamp circuit
33
CLP1
Analog
Analog bias voltage 2 for clamp circuit
32
CLP2
Analog
Analog bias voltage 1 for image sensor
31
BIAS1
Analog
Analog bias voltage 2 for image sensor
30
BIAS2
Analog
No connection
29
NC
Shift clock for data.
28
SCLK
I
Digital
PIN DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn