Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LZ0P3800 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LZ0P3800
Description  1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LZ0P3800 Datasheet(HTML) 1 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
DESCRIPTION
The LZ0P3800 is a 1/4-type (4.5 mm) 110 000-
pixel built-in lens color CMOS (Complementary
Metal Oxide Semiconductor) image sensor that
consists of a timing generator (TG), a correlated
double sampling (CDS) circuit, an auto gain control
(AGC) circuit and an analog-to-digital converter
(ADC) circuit. With small lens and WLCC-type flat
package, possible to make ultra small color camera
easily.
FEATURES
• Progressive scan
• Square pixel
• Compatible with CIF standard
• Number of effective pixels : 367 (H) x 291 (V)
• Number of optical black pixels
– Horizontal : 13 front and 13 rear
– Vertical : 4 front and 4 rear
• Pixel pitch : 9.4 µm (H) x 9.4 µm (V)
• R, G, and B primary color mosaic filters
• Image inversion function (horizontally and/or
vertically)
• Power save mode
• Analog output and 8-bit digital output
• Variable gain control (3 to 30 dB)
• Variable electronic shutter (1/30 to 1/10 000 s)
• Single +3.0 V power supply
• Built-in optical low-pass-filter
• Integrated lens : 52˚ horizontal viewing angle
• Package
– 36-pin WLCC* type
– Base section size : 16 mm (H) x 13 mm (V)
• Package height : approx. 10 mm
* Window Leadless Chip Carrier
PIN CONNECTIONS
LZ0P3800
LZ0P3800
1/4-type Built-in Lens Color CMOS
Image Sensor with 110 k Pixels
1
2
3
4
5
6
7
8
9
10
11
12
REFIN
AGCSET
BIAS3
AGCOUT
AGND
AVDD
OFS
ADL
DAL
DAH
AGND
DGND
BIAS2
NC
SCLK
SDI
VD
HD
CLK
D7
D6
D5
D4
D3
30
29
28
27
26
25
24
23
22
21
20
19
36-PIN WLCC TYPE
TOP VIEW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn