Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT9600CU Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT9600CU
Description  6.8 X 7.6mm, Oval Type(Flangeless), Colorless Transparency, High-luminosity, Wide Viewing Angle, Dichromatic Large LED Lamp for Outdoor Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT9600CU Datasheet(HTML) 1 Page - Sharp Corporation

  LT9600CU Datasheet HTML 1Page - Sharp Corporation LT9600CU Datasheet HTML 2Page - Sharp Corporation LT9600CU Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
(Ta=25˚C)
LT9600CU
LT9600CU
6.8
3-0.5
1.1
1.4
(0.4)
(1.0)
7.6
1.0MAX
2.54
NOM
2.54
NOM
2.39
NOM
2.39
NOM
1
2
3
Pin connections
1 Cathode(Yellow-green)
2 Anode(Common)
3 Cathode(Red)
Unspecified tolerance:
±0.2
Tie-bar cut
Colorless transparency
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
Yellow-green
Red
Red
Yellow-green
(Long diameter)
(Short diameter)
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*2
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
LT9600CU
GaP
GaAlAs on GaAlAs
84
75
30
30
100
50
0.40
0.40
1.34
0.67
5
4
260
Yellow-green
Red(Super-luminosity)
-30 to +85
-30 to +100
*1 The value is specified under the condition that either color is lightened separately. When the both diodes are lightened simultaneously,
the power dissipation of each diode should be less than the half of the value specified in this table.
*2 Duty ratio=1/10, Pulse width=0.1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
LT9600CU
TYP
2.1
1.85
MAX
2.8
2.5
565
660
20
20
100
300
20
20
30
20
20
20
10
100
4
3
35
25
1
1
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Radiation
color
Colorless
transparency
Yellow-green
Red
6.8 ! 7.6mm, Oval Type(Flangeless), Colorless
Transparency, High-luminosity, Wide Viewing Angle,
Dichromatic Large LED Lamp for Outdoor Use
LED Large Lamp
s Outline Dimensions
s Radiation Diagram
s Absolute Maximum Ratings
s Electro-optical Characteristics
(Unit : mm)
85


Similar Part No. - LT9600CU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT9621-81 ETC-LT9621-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
LT9631-81 ETC-LT9631-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
LT9641-81 ETC-LT9641-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
LT9641R-81 ETC-LT9641R-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
More results

Similar Description - LT9600CU

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL6CU7 SHARP-GL6CU7 Datasheet
123Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
GL6CU11 SHARP-GL6CU11 Datasheet
124Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
LT9550U SHARP-LT9550U Datasheet
61Kb / 3P
   첩7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
GL6UR26T SHARP-GL6UR26T Datasheet
104Kb / 3P
   5.8X4.6mm, Oval Type, Colored/Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
LT9560U SHARP-LT9560U Datasheet
274Kb / 6P
   첩10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
GL6UR31 SHARP-GL6UR31 Datasheet
76Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity LED Lamp for Outdoor Use
GL6EG31 SHARP-GL6EG31 Datasheet
53Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency High-luminosity LED Lamp for Outdoor Use
GL6EG26T SHARP-GL6EG26T Datasheet
55Kb / 2P
   5.8zX4.6mm, Oval Type(with Tie-bar), Colored/Colorless Transparency, Wide Viewing Angle LED Lamps for Outdoor Use
GL5UR2K1 SHARP-GL5UR2K1 Datasheet
72Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL5UR44 SHARP-GL5UR44 Datasheet
71Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com