Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT9560U Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. LT9560U
Description  ø10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LT9560U Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LED Lamp Characteristics Diagrams
Note)Characteristics shown in diagrams are typical values. (not assurance value)
HS series
HY series
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(IF=20mA)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
119
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GL5UR2K1ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
GL5UR44ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
LT9550Uø7.5mm Cylinder Type Flangeless Colorless Transparency High-luminosity Large LED lamps for Indoor Use 1 2 3 Sharp Electrionic Components
GL5UR2Kø5mm T-1 3/4 Cylinder Type Colored Transparency High-luminosity LED Lamps for Outdoor Use 1 2 Sharp Electrionic Components
GL6UR26T5.8X4.6mm Oval Type Colored/Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
LT9600CU6.8 X 7.6mm Oval Type Flangeless Colorless Transparency High-luminosity Wide Viewing Angle Dichromatic Large LED Lamp for Outdoor Use 1 2 3 Sharp Electrionic Components
GL3UR44ø3mmT-1 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Backlight/Indicator 1 2 Sharp Electrionic Components
GL6CU11ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity Dichromatic LED Lamp for Outdoor Use 1 2 3 Sharp Electrionic Components
GL6CU7ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity Dichromatic LED Lamp for Outdoor Use 1 2 3 Sharp Electrionic Components
GL6EG31ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity LED Lamp for Outdoor Use 1 2 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn