Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT9560U Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LT9560U
Description  Ã¸10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

LT9560U Datasheet(HTML) 1 Page - Sharp Electrionic Components

  LT9560U Datasheet HTML 1Page - Sharp Electrionic Components LT9560U Datasheet HTML 2Page - Sharp Electrionic Components LT9560U Datasheet HTML 3Page - Sharp Electrionic Components LT9560U Datasheet HTML 4Page - Sharp Electrionic Components LT9560U Datasheet HTML 5Page - Sharp Electrionic Components LT9560U Datasheet HTML 6Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
81
LED Large Lamp
s Outline Dimensions
s Radiation Diagram
s Absolute Maximum Ratings
(Unit : mm)
(Ta=25˚C)
LT9560t series
LT9560t series
2.54NOM
0.5
2
1
5.0
(Dimension from the center of ø10.0mm)
ø10.0
±0.3
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
Colorless transparency
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
LT9560U
LT9560T
LT9560D
LT9560S
LT9560H
LT9560E
Red
Sunset orange
Yellow
Yellow-green
GaAlAs on GaAlAs
GaAlAs on GaAs
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
75
110
168
168
168
168
30
50
60
60
60
60
50
300*2
100
100
100
100
0.40
0.67
0.80
0.80
0.80
0.80
0.67
4.00
1.33
1.33
1.33
1.33
4
5
5
5
5
5
260
260
260
260
260
260
LT9560V
Yellow(Super-luminosity) AlGaInP
130
50
100
0.67
1.33
4.1
260
LT9560J
Orange(Super-luminosity) AlGaInP
130
50
100
0.67
1.33
4.1
260
Red(Super-luminosity)
Red(High-luminosity)
-25 to +85
-25 to + 85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 Duty ratio=1/16, Pulse width
≤1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT9560U
LT9560T
LT9560D
LT9560S
LT9560H
LT9560V
1.85
1.75
2.0
2.0
2.0
1.9
2.5
2.2
2.8
2.8
2.8
2.6
660
660
635
610
585
590
20
20
40
40
40
20
8 000
2 000
1 000
1 000
700
6 000
20
20
40
40
40
20
20
20
35
35
35
13
20
20
40
40
40
20
100
10
10
10
10
100
3
4
4
4
4
4
25
30
30
15
30
24
1
1
1
1
1
LT9560E
2.2
2.8
565
40
1 200
40
30
40
10
4
70
1
1
LT9560J
1.9
2.6
620
20
12 000
20
18
20
100
4
26
1
Colorless
transparency
s Electro-optical Characteristics
ø10mm, Cylinder Type, Colorless
Transparency, High-luminosity
Large LED lamps for Outdoor Use


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GL5UR2K1 ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1  2  3  Sharp Electrionic Components
GL5UR44 ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1  2  3  Sharp Electrionic Components
LT9550U ø7.5mm Cylinder Type Flangeless Colorless Transparency High-luminosity Large LED lamps for Indoor Use 1  2  3  Sharp Electrionic Components
GL5UR2K ø5mm T-1 3/4 Cylinder Type Colored Transparency High-luminosity LED Lamps for Outdoor Use 1  2  Sharp Electrionic Components
GL6UR26T 5.8X4.6mm Oval Type Colored/Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1  2  3  Sharp Electrionic Components
LT9600CU 6.8 X 7.6mm Oval Type Flangeless Colorless Transparency High-luminosity Wide Viewing Angle Dichromatic Large LED Lamp for Outdoor Use 1  2  3  Sharp Electrionic Components
GL3UR44 ø3mmT-1 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Backlight/Indicator 1  2  Sharp Electrionic Components
GL6CU11 ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity Dichromatic LED Lamp for Outdoor Use 1  2  3  Sharp Electrionic Components
GL6CU7 ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity Dichromatic LED Lamp for Outdoor Use 1  2  3  Sharp Electrionic Components
GL6EG31 ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity LED Lamp for Outdoor Use 1  2  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn