Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT9550U Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LT9550U
Description  Ã¸7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

LT9550U Datasheet(HTML) 1 Page - Sharp Electrionic Components

  LT9550U Datasheet HTML 1Page - Sharp Electrionic Components LT9550U Datasheet HTML 2Page - Sharp Electrionic Components LT9550U Datasheet HTML 3Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
79
LED Large Lamp
s Outline Dimensions
s Radiation Diagram
s Absolute Maximum Ratings
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
LT9550t series
LT9550t series
2
1
NOM
ø7.6
2.54
0.5
ø7.5
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
Colorless transparency
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
LT9550U
LT9550E
GaAlAs on GaAlAs
GaP
75
84
30
30
50
50
DC
0.40
0.40
Pulse
0.67
0.67
4
5
260
260
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Yellow-green
Red(Super-luminosity)
-25 to +85
-25 to +100
-25 to +85
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT9550U
LT9550E
1.85
2.1
2.5
2.8
660
565
20
20
700
300
20
20
20
20
20
30
100
10
3
4
25
35
1
1
Colorless
transparency
ø7.5mm, Cylinder Type(Flangeless),
Colorless Transparency, High-luminosity
Large LED lamps for Indoor Use


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LT9560U ø10mm Cylinder Type Colorless Transparency High-luminosity Large LED lamps for Outdoor Use 1  2  3  4  5  More Sharp Electrionic Components
GL5UR2K1 ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1  2  3  Sharp Electrionic Components
GL5UR44 ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1  2  3  Sharp Electrionic Components
GL3UR44 ø3mmT-1 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Backlight/Indicator 1  2  Sharp Electrionic Components
LT9526D ø20mm Dome Type Colored Diffusion High-luminosity Large LED Lamps for Indoor Use 1  2  3  4  Sharp Electrionic Components
GL5UR2K ø5mm T-1 3/4 Cylinder Type Colored Transparency High-luminosity LED Lamps for Outdoor Use 1  2  Sharp Electrionic Components
GL6UR26T 5.8X4.6mm Oval Type Colored/Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1  2  3  Sharp Electrionic Components
LT9600CU 6.8 X 7.6mm Oval Type Flangeless Colorless Transparency High-luminosity Wide Viewing Angle Dichromatic Large LED Lamp for Outdoor Use 1  2  3  Sharp Electrionic Components
GL5HD43 5mm T-1 3/4 CYLINDER TYPE COLORLESS TRANSPARENCY LED LAMPS FOR INDICATOR 1  2  3  4  5  More Sharp Electrionic Components
GL3PR44 ø3mmT-1 Cylinder Type Colorless Transparency LED Lamps for Backlight/Indicator 1  2  3  4  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn