Electronic Components Datasheet Search |
|
STEVAL-TDR011V1 Datasheet(PDF) 1 Page - STMicroelectronics |
|
STEVAL-TDR011V1 Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 12 page March 2010 Doc ID 17340 Rev 1 1/12 12 STEVAL-TDR011V1 2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors Features ■ Excellent thermal stability ■ Frequency: 400 - 470 MHz ■ Supply voltage: 13.6 V ■ Output power: 50 W ■ Current: < 10 A ■ Input power: 20 dBm ■ Harmonics level < -45 dBc ■ Output low-pass filter ■ Power detection ■ Temperature sensor Description The STEVAL-TDR011V1 demonstration board is a two-stage 50 W RF power amplifier which includes an output LPF (low-pass filter) for harmonics rejection. It also features power detection and a temperature sensor. The main purpose of the board is to demonstrate the functioning and performance of the PD85006L-E and the STAP85050 devices from the LdmoST plastic family of RF power transistors. The application is specifically designed for 2-way analog and digital mobile radios. Table 1. Device summary Order code STEVAL-TDR011V1 L = 88.8 mm, W = 47.5 mm www.st.com |
Similar Part No. - STEVAL-TDR011V1 |
|
Similar Description - STEVAL-TDR011V1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |