Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI8N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STI8N65M5
Description  N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI8N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STI8N65M5 Datasheet HTML 6Page - STMicroelectronics STI8N65M5 Datasheet HTML 7Page - STMicroelectronics STI8N65M5 Datasheet HTML 8Page - STMicroelectronics STI8N65M5 Datasheet HTML 9Page - STMicroelectronics STI8N65M5 Datasheet HTML 10Page - STMicroelectronics STI8N65M5 Datasheet HTML 11Page - STMicroelectronics STI8N65M5 Datasheet HTML 12Page - STMicroelectronics STI8N65M5 Datasheet HTML 13Page - STMicroelectronics STI8N65M5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Package mechanical data
STB/D/F/I/P/U8N65M5
10/25
Doc ID 16531 Rev 3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


Similar Part No. - STI8N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STI8N65M5 ISC-STI8N65M5 Datasheet
358Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STI8N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
   N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com