Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LT9525D Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LT9525D
Description  ø20mm, Dome Type, Colored Diffusion, Large LED Lamps for Indoor Use
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LT9525D Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
90
(Unit : mm)
LED Large Lamp
s Outline Dimensions
s Absolute Maximum Ratings
(Unit : mm)
LT9525t series
LT9525t series
ø23.0
±0.5
2.54!5=12.7
R1.0
0.5
5.0
ø20.0
±0.5
13.5
±0.5
3.5
±0.5
1 2 3 4 5 6
12 11 10 9 8 7
2
1
4
3
6
5
8
10
7
12
11
9
Colored diffusion
Pin connections
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF*2
(mA)
Derating factor
(mA/˚C)*2
Peak forward current
IFM*2*3
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*4
(˚C)
Reverse voltage
VR*2
(V)
(Ta=25˚C)
LT9525D
LT9525S
LT9525H
LT9525E
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
1 010
1 008
625
1 010
60
60
40
60
100
100
100
100
1.09
1.09
0.73
1.09
1.82
1.82
1.82
1.82
5
5
5
5
260
260
260
260
Red
Sunset orange
Yellow
Yellow-green
-25 to +70
-25 to +70
-30 to +80
-30 to +80
-25 to +70
-25 to +70
-30 to +80
-30 to +80
*1 Per lamp(6 chips/lamp)
*2 Per chip
*3 Duty ratio=1/10, Pulse width=0.1ms
*4 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT9525D
LT9525S
LT9525H
LT9525E
2.0
2.0
1.9
2.0
2.8
2.8
2.6
2.8
635
610
585
565
40
40
20
40
70
80
70
35
40
40
40
20
35
35
30
30
40
40
20
40
10
10
10
10
4
4
4
4
30
35
70
30
1
1
1
1
*5 Per chip
*6 Luminous intensity per lamp at IF=40mA/chip(6 chips/lamp) Except LT9525H
Colored
diffusion
s Electro-optical Characteristics*5
ø20mm, Dome Type, Colored
Diffusion, Large LED Lamps for
Indoor Use


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn