Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV393-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV393-Q1
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV393-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LMV393-Q1 Datasheet HTML 1Page - Texas Instruments LMV393-Q1 Datasheet HTML 2Page - Texas Instruments LMV393-Q1 Datasheet HTML 3Page - Texas Instruments LMV393-Q1 Datasheet HTML 4Page - Texas Instruments LMV393-Q1 Datasheet HTML 5Page - Texas Instruments LMV393-Q1 Datasheet HTML 6Page - Texas Instruments LMV393-Q1 Datasheet HTML 7Page - Texas Instruments LMV393-Q1 Datasheet HTML 8Page - Texas Instruments LMV393-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LMV331-Q1 SINGLE, LMV393-Q1 DUAL
SLOS468D
– MAY 2005 – REVISED AUGUST 2011
www.ti.com
Electrical Characteristics
at specified free-air temperature, VCC+ = 2.7 V, GND = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
1.7
7
mV
Average temperature coefficient
αVIO
–40°C to 125°C
5
μV/°C
of input offset voltage
25
°C
10
250
IIB
Input bias current
nA
–40°C to 125°C
400
25
°C
5
50
IIO
Input offset current
nA
–40°C to 125°C
150
IO
Output current (sinking)
VO ≤ 1.5 V
25
°C
5
23
mA
25
°C
0.003
Output leakage current
μA
–40°C to 125°C
1
–0.1
VICR
Common-mode input voltage range
25
°C
V
to 2
VSAT
Saturation voltage
IO ≤ 1 mA
25
°C
200
mV
LMV331
40
100
ICC
Supply current
LMV393 (both comparators)
25
°C
70
140
μA
LMV339 (all four comparators)
140
200
Switching Characteristics
TA = 25°C, VCC+ = 2.7 V, RL = 5.1 kΩ, GND = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Input overdrive = 10 mV
1000
tPHL
Propagation delay, high- to low-level output switching
ns
Input overdrive = 100 mV
350
Input overdrive = 10 mV
500
tPLH
Propagation delay, low- to high-level output switching
ns
Input overdrive = 100 mV
400
4
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - LMV393-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV393-Q1DUAL TI-LMV393-Q1DUAL Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results

Similar Description - LMV393-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
logo
Texas Instruments
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
   General Purpose, Low Voltage, TinyPack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com