Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA429DJT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIA429DJT
Description  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA429DJT Datasheet(HTML) 7 Page - Vishay Siliconix

  SIA429DJT_11 Datasheet HTML 1Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 2Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 3Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 4Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 5Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 6Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 7Page - Vishay Siliconix SIA429DJT_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 65370
www.vishay.com
07-Sep-09
1
Package Information
Vishay Siliconix
CASE OUTLINE for PowerPAK® SC70T
Notes
1. All dimensions are in millimeter. Millimeters will govern.
2. Package outline exculsive of mold flash and metal burr.
3. Package outline inclusive of plating
Backside View of Dual
Backside View of Single
D
A
Z
Z
K1
K2
K2
K1
K2
D2
e
b
D3
e
D2
b
D2
K3
Detail Z
Terminal #1
Side View
Topside View
Pin 1
Pin 3
Pin 1
Pin 2
Pin 3
Pin 2
Pin 6
Pin 4
Pin 6
Pin 5
Pin 4 Pin 5
DIM.
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.525
0.60
0.65
0.0206
0.024
0.026
0.525
0.60
0.65
0.0206
0.024
0.026
A1
0.00
-
0.05
0.00
-
0.002
0.00
-
0.05
0.00
-
0.002
b
0.23
0.30
0.38
0.009
0.012
0.015
0.23
0.30
0.38
0.009
0.012
0.015
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
D2
0.85
0.95
1.05
0.033
0.037
0.041
0.513
0.613
0.713
0.020
0.024
0.028
D3
0.135
0.235
0.335
0.005
0.009
0.013
E
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
E2
1.40
1.50
1.60
0.055
0.059
0.063
0.85
0.95
1.05
0.033
0.037
0.041
E3
0.345
0.395
0.445
0.014
0.016
0.018
E4
0.425
0.475
0.525
0.017
0.019
0.021
e
0.65 BSC
0.026 BSC
0.65 BSC
0.026 BSC
K
0.275 TYP.
0.011 TYP.
0.275 TYP.
0.011 TYP.
K1
0.400 TYP.
0.016 TYP.
0.320 TYP.
0.013 TYP.
K2
0.240 TYP.
0.009 TYP.
0.252 TYP.
0.010 TYP.
K3
0.225 TYP.
0.009 TYP.
K4
0.355 TYP.
0.014 TYP.
L
0.175
0.275
0.375
0.007
0.011
0.015
0.175
0.275
0.375
0.007
0.011
0.015
T
0.05
0.10
0.15
0.002
0.004
0.006
ECN: C09-0671-Rev. A, 07-Sep-09
DWG: 5994


Similar Part No. - SIA429DJT_11

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SIA429DJT-T1-GE3 VBSEMI-SIA429DJT-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA429DJT-T1-GE3 VISHAY-SIA429DJT-T1-GE3 Datasheet
320Kb / 10P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA429DJT VISHAY-SIA429DJT_V01 Datasheet
320Kb / 10P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA429DJT_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com