Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT202 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT202
Description  GaAs Hall IC for Fan Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT202 Datasheet(HTML) 2 Page - Sharp Corporation

  LT202 Datasheet HTML 1Page - Sharp Corporation LT202 Datasheet HTML 2Page - Sharp Corporation LT202 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s Block Diagram and Timing Chart
Fig. 1
Output Saturation Voltage vs.
Ambient Temperature
Fig. 2
Output Saturation Voltage vs.
Input Current (Continuous)
Hall IC
LT202A
VCC
Motor
8
7
6
Constant voltage
5
4
3
GND Alarm output
Phase
detection coil
1
2
+
-
+
-
+
-
Magnetic pole
S (>10mT)
S (>10mT)
N(<-10mT)
N(<-10mT)
Coil input(1:+)
V1-V2=<0
V1-V2>15mV
V1-V2<-15mV
V1-V2>=0
OUT 6
OFF
OFF
OFF
ON
OUT 7
ON
OFF
OFF
OFF
Timing chart
Rotation detector/
automatic restart circuit
VCC=12V
IO=250mA
0
-40
80
60
20
0
-20
40
100
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
Ambient temperature Ta (˚C)
VCC=12V
Ta=25˚C
0
0
200
100
300
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
Input current(Continuous) IO (mA)


Similar Part No. - LT202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT202 ETC-LT202 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
More results

Similar Description - LT202

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT205A SHARP-LT205A Datasheet
20Kb / 1P
   GaAs Hall IC for Fan Motor with Variable Speed by Temperature
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Melexis Microelectronic...
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Panasonic Semiconductor
AN3811NK PANASONIC-AN3811NK Datasheet
45Kb / 4P
   Cylinder Hall motor driving IC for VCR
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com