Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1T82A Datasheet(PDF) 5 Page - Sharp Corporation

Part # LT1T82A
Description  3.3X2.9mm, 1.1mm Thickness, High-luminosity Chip LED Devices with Lens
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1T82A Datasheet(HTML) 5 Page - Sharp Corporation

  LT1T82A Datasheet HTML 1Page - Sharp Corporation LT1T82A Datasheet HTML 2Page - Sharp Corporation LT1T82A Datasheet HTML 3Page - Sharp Corporation LT1T82A Datasheet HTML 4Page - Sharp Corporation LT1T82A Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
120
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Lamp Characteristics Diagrams
EG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
Note)Characteristics shown in diagrams are typical values. (not assurance value)
KG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)


Similar Part No. - LT1T82A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LT1T010A BOTHHAND-LT1T010A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1T023B BOTHHAND-LT1T023B Datasheet
94Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1T023C BOTHHAND-LT1T023C Datasheet
112Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1T104A-43 BOTHHAND-LT1T104A-43 Datasheet
140Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS AND LEDS
More results

Similar Description - LT1T82A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1ET82A SHARP-LT1ET82A Datasheet
93Kb / 4P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity, Dichromatic Chip LED Devices with Lens
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
logo
Everlight Electronics C...
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T_11 Datasheet
228Kb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
25-21-BHC-APR-2T TO-GRACE-25-21-BHC-APR-2T Datasheet
1Mb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
Sharp Corporation
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
EAPL5050RGBA1 EVERLIGHT-EAPL5050RGBA1 Datasheet
453Kb / 13P
   Super-luminosity chip LED.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com