Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEWHT-L1-0000-00BE4 Datasheet(PDF) 6 Page - Cree, Inc

Part # XPEWHT-L1-0000-00BE4
Description  Cree짰 XLamp짰 XP-E LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEWHT-L1-0000-00BE4 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XPEWHT-L1-0000-00BE4 Datasheet HTML 2Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 3Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 4Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 5Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 6Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 7Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 8Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 9Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
6
XLAMP XP-E LEDS
RELATIVE SPECTRAL POWER DISTRIBUTION
White
Color
Relative Spectral Power
XP Color Graph 1
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
5000K -
10000K CCT
3700K -
5000K CCT
2600K -
3700K CCT
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
Blue
Green
Amber
Red-
Orange
Red
XP Color Graph 1
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
Royal Blue
Blue
Green
Amber
Red-Orange
Red


Similar Part No. - XPEWHT-L1-0000-00BE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00BE4 CREE-XPEWHT-L1-0000-00BE4 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEWHT-L1-0000-00BE4 CREE-XPEWHT-L1-0000-00BE4 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XPEWHT-L1-0000-00BE4 CREE-XPEWHT-L1-0000-00BE4 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEWHT-L1-0000-00BE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-E-HEW CREE-XP-E-HEW Datasheet
985Kb / 11P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com