Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1U40A Datasheet(PDF) 3 Page - Sharp Corporation

Part # LT1U40A
Description  2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1U40A Datasheet(HTML) 3 Page - Sharp Corporation

  LT1U40A Datasheet HTML 1Page - Sharp Corporation LT1U40A Datasheet HTML 2Page - Sharp Corporation LT1U40A Datasheet HTML 3Page - Sharp Corporation LT1U40A Datasheet HTML 4Page - Sharp Corporation LT1U40A Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED Lamp Characteristics Diagrams
Note)Characteristics shown in diagrams are typical values. (not assurance value)
HS series
HY series
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(IF=20mA)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
119
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Similar Part No. - LT1U40A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1U40A ETC-LT1U40A Datasheet
105Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
LT1U40A ETC1-LT1U40A Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
More results

Similar Description - LT1U40A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1E40A ETC-LT1E40A Datasheet
105Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
LT1EH67A SHARP-LT1EH67A Datasheet
104Kb / 4P
   1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
LT1W67A SHARP-LT1W67A Datasheet
37Kb / 1P
   1616 Size, 0.8mm Thickness, Compact Full Color Leadless Chip LED Device
LT1U97A SHARP-LT1U97A Datasheet
104Kb / 5P
   1608 Size, Super Thin Type(0.6mm), Leadless Chip LED Devices
LT1W92A SHARP-LT1W92A Datasheet
36Kb / 1P
   3030 Size, 1.1mm Thickness, MID* Type Full Color Leadless Chip LED Device
logo
STANLEY ELECTRIC CO.,LT...
VFHA1112H-3BZ2C-TR STANLEY-VFHA1112H-3BZ2C-TR Datasheet
1Mb / 21P
   2125(t=0.8mm) Type, diffused lens
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
PG1112H-TR STANLEY-PG1112H-TR Datasheet
431Kb / 21P
   2125(h =0.8mm) Type, Milky White resin
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com